Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4298 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS4298
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS4298 Datasheet HTML 21Page - Cirrus Logic CS4298 Datasheet HTML 22Page - Cirrus Logic CS4298 Datasheet HTML 23Page - Cirrus Logic CS4298 Datasheet HTML 24Page - Cirrus Logic CS4298 Datasheet HTML 25Page - Cirrus Logic CS4298 Datasheet HTML 26Page - Cirrus Logic CS4298 Datasheet HTML 27Page - Cirrus Logic CS4298 Datasheet HTML 28Page - Cirrus Logic CS4298 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
CS4298
DS315PP2
25
6.1.5
Stereo Analog Mixer Input Gain (Index’s 10h - 18h)
Mute
When set mutes the respective input. Setting this bit mutes both right and left inputs.
GL[4:0]
Left Volume Control. Least significant bit represents 1.5 dB with 01000 = 0 dB. The total range is 12 dB
to -34.5 dB. See Table 3.
GR[4:0]
Right Volume Control. Least significant bit represents 1.5 dB with 01000 = 0 dB. The total range is 12
dB to -34.5 dB. See Table 3.
Default
8808h, 0 dB gain with Mute enabled.
These registers control the gain levels of the analog input sources to the Input Mixer. The analog in-
puts associated with registers 10h-18h are found in Table 4.
6.1.6
Input Mux Select (Index 1Ah)
SL[2:0]
Left Channel ADC input source select.
SR[2:0]
Right Channel ADC input source select.
Default
0000h, MIC inputs selected for both channels.
When capturing PCM data, this register controls the input MUX for the ADCs. Table 5 below lists
the possible values for each input.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
GL4
GL3
GL2
GL1
GL0
GR4
GR3
GR2
GR1
GR0
Register Index
Function
10h
Line IN Volume
12h
CD Volume
14h
Video Volume
16h
Aux Volume
18h
PCM Out Volume
Table 4. Stereo Volume Register Index
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SL2
SL1
SL0
SR2
SR1
SR0
Sx2 - Sx0
Record Source
0MIC
1
CD Input
2
Video Input
3
AUX Input
4
Line Input
5
Stereo Mix
6
Mono Mix
7
Not Available
Table 5. Input Mux Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com