Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4298 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS4298
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS4298 Datasheet HTML 37Page - Cirrus Logic CS4298 Datasheet HTML 38Page - Cirrus Logic CS4298 Datasheet HTML 39Page - Cirrus Logic CS4298 Datasheet HTML 40Page - Cirrus Logic CS4298 Datasheet HTML 41Page - Cirrus Logic CS4298 Datasheet HTML 42Page - Cirrus Logic CS4298 Datasheet HTML 43Page - Cirrus Logic CS4298 Datasheet HTML 44Page - Cirrus Logic CS4298 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
CS4298
DS315PP2
41
such that digital ground plane lies underneath these signals (on the internal ground layer) from the
AC ’97 Controller continuously to the CS4298.
7.7
Hybrid Interface
Figure 16 indicates the required components for the secondary side of the hybrid circuity required
for the CS4298. The multiple configurations required for the line interface are beyond the scope of
this document. Please contact Crystal applications engineering for additional information.
.
Figure 16. Hybrid Circuit Secondary
Caa
1000 pF
Co_lpf
0.033
µF
Rb1
10 k
1%
Rt1
140
1%
R2_1
6650
1%
R2_2
Rb2
10 k
1%
6650
1%
Rt2
140
1%
Cblock
47
µF
T1
671-8039
TX+
RX+
RX-
TX-
Line
Interface
MIDCOM
Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com