Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4298 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS4298
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS4298 Datasheet HTML 36Page - Cirrus Logic CS4298 Datasheet HTML 37Page - Cirrus Logic CS4298 Datasheet HTML 38Page - Cirrus Logic CS4298 Datasheet HTML 39Page - Cirrus Logic CS4298 Datasheet HTML 40Page - Cirrus Logic CS4298 Datasheet HTML 41Page - Cirrus Logic CS4298 Datasheet HTML 42Page - Cirrus Logic CS4298 Datasheet HTML 43Page - Cirrus Logic CS4298 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
CS4298
40
DS315PP2
The Vrefout pin is typically 2.2 V and provides a common mode signal for single-supply external
circuits. Vrefout only supports light DC loads and should be buffered if AC loading is needed. For
typical use, a 0.1
µF in parallel with a 1 µF capacitor should be connected to Vrefout.
7.6
Power Supplies
The power supplies providing analog power should be as clean as possible to minimize coupling into
the analog section which could degrade analog performance. The pins AVdd1 and AVdd2 supply
power to all the analog circuitry on the CS4298. This 5 Volt analog supply should be generated from
a voltage regulator (7805 type) connected to a +12 Volt supply. This helps isolate the analog circuitry
from noise typically found on +5 V digital supplies which power many digital circuits in a PC envi-
ronment. A typical voltage regulator circuit for analog power using an MC78M05CDT is shown in
Figure 15.
The digital power pins DVdd1 and DVdd2 should be connected to the same digital supply as the AC
’97 Controller’s AC-Link interface. Since the digital interface on the CS4298 may operate at either
3.3 V or 5 V, proper connection of these pins will depend on the digital power supply of the AC ’97
Controller. connections (vias). The AC-Link digital interface connection traces should be routed
DGND
DGND
DGND
DGND
1
2
1
2
374
90.9
1
5
4
8
1
2
J-RCA-R4-PCB
GND
VCC
1
2
4
5
+5 V PCI
0.1
µF
SN75179D
DGND
DGND
DGND
+5V_PCI
SPDIFO
TOTX-173
1
2
3
4
5
6
8.2K
.1
µF
SPDIFO
Figure 14. IEC-958 Interface Examples
+12VD
AGND
DGND
+5VA
0.1µF
Y5V
10µF
ELEC
+
10µF
ELEC
+
MC78M05CDT
OUT
3
GND
2
IN
1
0.1µF
Y5V
Figure 15. Voltage Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com