Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4298 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS4298
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS4298 Datasheet HTML 26Page - Cirrus Logic CS4298 Datasheet HTML 27Page - Cirrus Logic CS4298 Datasheet HTML 28Page - Cirrus Logic CS4298 Datasheet HTML 29Page - Cirrus Logic CS4298 Datasheet HTML 30Page - Cirrus Logic CS4298 Datasheet HTML 31Page - Cirrus Logic CS4298 Datasheet HTML 32Page - Cirrus Logic CS4298 Datasheet HTML 33Page - Cirrus Logic CS4298 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
CS4298
30
DS315PP2
6.1.19 Center LFE Volume (Index 36h)
LFE[5:0]
LFE Volume. Least significant bit represents -1.5 dB with 00000 = 0 dB. The total range is 0 dB to -
94.5 dB.
CNT[5:0]
Center Volume.Least significant bit represents -1.5 dB with 00000 = 0 dB. The total range is 0 dB to -
94.5 dB.
Default
8080h, indicating mute with 0 dB attenuation.
6.1.20 LR Surround Volume (Index 38h)
LSR[5:0]
Left Surround Volume. Least significant bit represents -1.5 dB with 00000 = 0 dB. The total range is 0
dB to -94.5 dB.
RSR[5:0]
Right Surround Volume. Least significant bit represents -1.5 dB with 00000 = 0 dB. The total range is 0
dB to -94.5 dB.
Default
8080h, indicating 0 dB attenuation.
6.1.21 Extended Modem ID (Index 3Ch)
HSET
Handset. Indicates handset ADC/DAC is supported.
LIN1
Line 1. When set, indicates 1st line is supported.
LIN2
Line 2. When set, indicates 2nd line is supported.
ID[1:0]
Codec configuration ID. Primary is 00; Secondary is 01,10,or 11. This is a reflection of the configuration
pins. The state of the ID# pins are determined at power-up and are the inverse of the ID bits in this reg-
ister.
Default
Mode 0
x005h
Mode 1
x003h
Mode 2
x001h
Mode 3
x000h Where x is determined by the state of ID[1:0] input pins.
The Extended Modem ID is a read/write register that identifies the Codec’s modem capabilities. This
register reports the features available based on the basic operating mode determined by MD[1:0] of
AC Mode (Index 5Eh) register. Writing any value to this location issues a reset to the modem regis-
ters (Index 3Ch-56h). Audio registers are not reset by a write to this location.
NOTE: All GPIO registers (Index 46h-54h) are reset by any write to this location.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
LFE5
LFE4
LFE3
LFE2
LFE1
LFE0
Mute
CNT5 CNT4
CNT3 CNT2 CNT1
CNT0
LFE[5:0]/LSR[5:0]
CNT[5:0]/RSR[5:0]
Write
LFE[5:0]/LSR[5:0]
CNT[5:0]/RSR[5:0]
Read
Gain Level
000000
000000
0 dB
000001
000001
-1.5 dB
……
...
111111
111111
-94.5 dB
Table 6. 6 Channel Volume Attenuation
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
LSR5
LSR4
LSR3
LSR2
LSR1
LSR0
Mute
RSR5 RSR4 RSR3 RSR2 RSR1 RSR0
Mode
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
ID1
ID0
HSET
LIN1
1
ID1
ID0
LIN2
2
ID1
ID0
LIN1
3
ID1
ID0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com