Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4298 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS4298
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS4298 Datasheet HTML 28Page - Cirrus Logic CS4298 Datasheet HTML 29Page - Cirrus Logic CS4298 Datasheet HTML 30Page - Cirrus Logic CS4298 Datasheet HTML 31Page - Cirrus Logic CS4298 Datasheet HTML 32Page - Cirrus Logic CS4298 Datasheet HTML 33Page - Cirrus Logic CS4298 Datasheet HTML 34Page - Cirrus Logic CS4298 Datasheet HTML 35Page - Cirrus Logic CS4298 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
CS4298
32
DS315PP2
6.1.25 Handset DAC/ADC Rate (Index 44h)
SR[15:0]
Handset DAC/ADC Sample Rate.
Default
Read-only value BB80h, indicating 48 kHz sample rate.
6.1.26 Line 1 DAC/ADC Level (Index 46h)
Mute[D15] Mute. Mutes the input of Line 1 DAC.
Mute[D7]
Mute. Mutes the output of Line 1 ADC.
DAC[3:0]
Line 1 DAC attenuation. Least significant bit represents 1.5 dB with 00000 = 0 dB. The total range is 0
dB to -22.5 dB.
ADC[3:2]
Line 1 ADC gain. Least significant bit represents 6 dB with 00 = 0 dB. The total range is 0 dB to +18 dB.
Default
8080h indicating mute with 0 dB attenuation or gain.
When EAM of the AC Mode Control (Index 5Eh) is set, the Line 1 DAC attenuation is controlled by
ML[4:0] of the Alternate Volume (Index 04h) register.
6.1.27 Line 2 DAC/ADC Level (Index 48h)
Mute[D15] Mute. Mutes the input of Line 2 DAC.
Mute[D7]
Mute. Mutes the output of Line 2 ADC.
DAC[3:0]
Line 2 DAC attenuation. Least significant bit represents 1.5 dB with 00000 = 0 dB. The total range is 0
dB to -22.5 dB.
ADC[3:2]
Line 2 ADC gain. Least significant bit represents 6 dB with 00 = 0 dB. The total range is 0 dB to +18 dB.
Default
8080h indicating mute with 0 dB attenuation or gain.
When EAM of the AC Mode Control (Index 5Eh) is set, the Line 2 DAC attenuation is controlled by
MR[4:0] of the Alternate Volume (Index 04h) register.
6.1.28 Handset DAC/ADC Level (Index 4Ah)
Mute[D15] Mute. Mutes the input of Handset DAC.
Mute[D7]
Mute. Mutes the output of Handset ADC.
DAC[3:0]
Handset1 DAC attenuation. Least significant bit represents 1.5 dB with 00000 = 0 dB. The total range
is 0 dB to -22 dB.
ADC[3:2]
Handset ADC gain. Least significant bit represents 6 dB with 00 = 0 dB. The total range is 0 dB to
+18 dB.
Default
8080h indicating mute with 0 dB attenuation or gain.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SR15
SR14
SR13
SR12
SR11
SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
DAC3 DAC2 DAC1 DAC0
Mute
ADC3 ADC2
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
DAC3 DAC2 DAC1 DAC0
Mute
ADC3 ADC2
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Mute
DAC3 DAC2 DAC1 DAC0
Mute
ADC3 ADC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com