Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4298 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS4298
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS4298 Datasheet HTML 16Page - Cirrus Logic CS4298 Datasheet HTML 17Page - Cirrus Logic CS4298 Datasheet HTML 18Page - Cirrus Logic CS4298 Datasheet HTML 19Page - Cirrus Logic CS4298 Datasheet HTML 20Page - Cirrus Logic CS4298 Datasheet HTML 21Page - Cirrus Logic CS4298 Datasheet HTML 22Page - Cirrus Logic CS4298 Datasheet HTML 23Page - Cirrus Logic CS4298 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
CS4298
20
DS315PP2
5.5
AC ’97 Reset Modes
Three methods of resetting the CS4298, as defined in the AC ’97 Specification, are supported: Cold
AC ’97 Reset, Warm AC ’97 Reset, and AC ’97 Register Reset. A Cold AC ’97 Reset is required to
restart the AC-link when bit PR5 is set in the Power Down Control/Status (Index 26h) register.
5.5.1
Cold AC ‘97 Reset
A Cold Reset is performed by asserting RESET# in accordance with the minimum timing specifica-
tions in the Serial Port Timing section. Once de-asserted, all of the Codec’s registers will be reset to
their default power-on states and the BIT_CLK clock and SDATA_IN signals will be reactivated.
The timing of power-up/reset events is discussed in detail in the Power Management section.
5.5.2
Warm AC ’97 Reset
The CS4298 may also be reactivated when the AC-link is powered down (refer to the PR4 bit de-
scription in the Power Management section) by a Warm Reset. A Warm Reset allows the AC-link to
be reactivated without losing information in the Codec’s registers. Warm Reset is initiated when the
SYNC signal is driven high for at least 1 µs and then driven low in the absence of the BIT_CLK clock
signal. The BIT_CLK clock will not restart until at least 2 normal BIT_CLK clock periods
(± 162.8 ns) after the SYNC signal is de-asserted.
5.5.3
AC ’97 Register Reset
The third reset mode provides a register reset to the CS4298. This is available only when the
CS4298’s AC-link is active and the Codec Ready bit is set. The audio and modem subsections may
be reset independently. Any write to Reset (Index 00h) register will reset the audio subsection while
any write to Ext’d Modem Ctrl/Stat (Index 3Eh) register will reset the modem subsection. See the
respective register descriptions for additional information.
5.6
AC-Link Protocol Violation - Loss of SYNC
The CS4298 is designed to handle SYNC protocol violations. The following are situations where the
SYNC protocol has been violated:
• The SYNC signal is not sampled high for exactly 16 BIT_CLK clock cycles at the start of an
audio frame.
• The SYNC signal is not sampled high on the 256th BIT_CLK clock period after the previous
SYNC assertion.
• The SYNC signal goes active high before the 256th BIT_CLK clock period after the previous
SYNC assertion.
Upon loss of synchronization with the Controller, the Codec will mute all analog outputs and clear
the Codec Ready bit in the serial data input frame until two valid frames are detected. During this
detection period, the Codec will ignore all register reads and writes and will discontinue the trans-
mission of PCM capture data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com