Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4298 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4298
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4298 Datasheet HTML 12Page - Cirrus Logic CS4298 Datasheet HTML 13Page - Cirrus Logic CS4298 Datasheet HTML 14Page - Cirrus Logic CS4298 Datasheet HTML 15Page - Cirrus Logic CS4298 Datasheet HTML 16Page - Cirrus Logic CS4298 Datasheet HTML 17Page - Cirrus Logic CS4298 Datasheet HTML 18Page - Cirrus Logic CS4298 Datasheet HTML 19Page - Cirrus Logic CS4298 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
CS4298
16
DS315PP2
5. AC ‘97
5.1
AC ‘97 Frame Definition
The AC Link is a bi-directional serial port with thirteen time-division multiplexed slots in each di-
rection. The first slot is 16 bits long and termed the tag slot. Bits in the tag slot determine if the Codec
is ready and indicate which, if any, other slots contain valid data. Slots 1 through 11 are 20-bits long
and can contain audio data. Slot 12 contains data to be written and read from GPIO. The serial data
line is defined from the Controller’s perspective, NOT from the Audio Codec’s perspective.
5.2
AC-Link Serial Data Output Frame
In the serial data output frame, data is passed on the SDATA_OUT pin TO the CS4298 FROM the
Controller. Figure 9 illustrates the serial port timing.
20.8
µS
(48 kHz)
Tag Phase
Data Phase
12.288 MHz
81.4 nS
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
F0
F1
F2
F16
F15
F14
F13
F12
F35
F56
F76
0
F255
Valid
Frame
Slot 1
Valid
00
SCRA1 SCRA0
R/W
0
WD15
F36
F57
LP19
LP18
RP19
LC17
LC16
RC17
RD15
0
0
0
0
0
Bit Frame Position:
F0
F1
F2
F16
F15
F14
F13
F12
F35
F56
F76
F255
F36
F57
F255
F255
X
X
0
0
F97
F97
X
Slot 0
Slot 1
Slot 2
Slot 3
Slot 4
Slots 5-12
Slot 2
Valid
Slot 1
Valid
Slot 2
Valid
Codec
Ready
0
Bit Frame Position:
Figure 9. AC-link Input and Output Framing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com