Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4298 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS4298
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS4298 Datasheet HTML 18Page - Cirrus Logic CS4298 Datasheet HTML 19Page - Cirrus Logic CS4298 Datasheet HTML 20Page - Cirrus Logic CS4298 Datasheet HTML 21Page - Cirrus Logic CS4298 Datasheet HTML 22Page - Cirrus Logic CS4298 Datasheet HTML 23Page - Cirrus Logic CS4298 Datasheet HTML 24Page - Cirrus Logic CS4298 Datasheet HTML 25Page - Cirrus Logic CS4298 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
CS4298
22
DS315PP2
48
Line 2 DAC/ACD Level
Mute
DAC3 DAC2 DAC1
DAC0 Mute
ADC3 ADC2
8080h
4A
Handset DAC/ACD Level
Mute
DAC3 DAC2 DAC1
DAC0 Mute
ADC3 ADC2
8080h
4C
GPIO Pin Configuration
GC9
GC8
GC7
GC6
GC5
GC4
GC3
GC2
GC1
GC0
03FFh
4E
GPIO Pin Polarity/Type
GP9
GP8
GP7
GP6
GP5
GP4
GP3
GP2
GP1
GP0
FFFFh
50
GPIO Pin Sticky
GS9
GS8
GS7
GS6
GS5
GS4
GS3
GS2
GS1
GS0
0000h
52
GPIO Pin Walk-up Mask
GW9
GW8
GW7
GW6
GW5
GW4
GW3
GW2
GW1
GW0
0000h
54
GPIO Pin Status
GI9
Gi8
GI7
GI6
GI5
GI4
GI3
GI2
GI1
GI0
xxxxh
56
Misc. Modem AFE Stat
Mode 0
HSB2 HSB1
HSB0
L1B2
L1B1
L1B0
0000h
56
Misc. Modem AFE Stat
Mode 1
L2B2
L2B1
L2B0
L1B2
L1B1
L1B0
0000h
56
Misc. Modem AFE Stat
Mode 2
L1B2
L1B1
L1B0
0000h
56
Misc. Modem AFE Stat
Mode 3
0000h
Cirrus Defined Registers:
5A
Crystal Revision / Fab
1
1
1
0
0302h
5E
Slot Map Register
EDM
EAM
DDM
MD1
MD0
0000h
68
S/PDIF Enable
SPEN
V
Fs
L
CC6
CC5
CC4
CC3
CC2
CC1 CC0
Pre
Copy #Audio
Pro
0000h
7Ch
Vendor ID1(CR)
F7
F6
F5
F4
F3
F4
F1
F0
S7
S6
S5
S4
S3
S2
S1
S0
4352h
7Eh
Vendor ID2(Y-)
T7
T6
T5
T4
T3
T2
T1
T0
PID2
PID1
PID0
RID2
RID1
RID0
5923h
Reg
Num
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
Table 1. Mixer Registers (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com