Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4298 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS4298
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS4298 Datasheet HTML 13Page - Cirrus Logic CS4298 Datasheet HTML 14Page - Cirrus Logic CS4298 Datasheet HTML 15Page - Cirrus Logic CS4298 Datasheet HTML 16Page - Cirrus Logic CS4298 Datasheet HTML 17Page - Cirrus Logic CS4298 Datasheet HTML 18Page - Cirrus Logic CS4298 Datasheet HTML 19Page - Cirrus Logic CS4298 Datasheet HTML 20Page - Cirrus Logic CS4298 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
CS4298
DS315PP2
17
5.3
AC-Link AudioOutput Frame
5.3.1
Serial Data Output Slot Tags (Slot 0)
Valid FrameDetermines if any of the following slots contain either valid playback data for the Codec’s DACs, data
for read/write operation, or GPIO data. When set, at least one of the other AC-link slots contain valid
data. If this bit is clear, the remainder of the frame is ignored.
Slot [1:2] ValidIndicates valid slot data when accessing the register set of the primary Codec (SCRA[1:0] = 00). For
a read operation, Slot 1 Valid is set when
Register Address (Slot 1) contains valid data. For a write op-
eration, Slot 1 Valid and Slot 2 Valid are set indicating
Register Address (Slot 1) and Register Write Data
(Slot 2) contain valid data. The register address and write data must be valid within the same frame.
SCRA[1:0] must be cleared when accessing the primary Codec. The physical address of a Codec is
determined by the ID[1:0]# input pins which are reflected in the
Extended Audio ID (Index 28h) register
and the
Extended Modem ID (Index 3Ch) register.
Slot [3:11] Valid
If a Slot Valid bit is set, the named slot contains valid audio data. If the bit is clear, the slot will be ignored.
The definition of each slot is determined by the basic operating mode selected for the CS4298. For more
information, see the
AC Mode Control (Index 5Eh) register.
Slot 12 ValidIf Slot 12 Valid is set, Slot 12 contains valid write data for the GPIO pins.
SCRA[1:0] Secondary Codec Register Access. Unlike the primary Codec, SCRA[1:0] indicate valid slot data when
accessing the register set of a secondary Codec. The value set in SCRA[1:0] (01,10,11) determines
which of the three possible secondary Codecs is accessed. For a read operation, the SCRA[1:0] bits
are set when
Register Address (Slot 1) contains valid data. For a write operation, SCRA[1:0] bits are
set when
Register Address (Slot 1) and Register Write Data (Slot 2) contain valid data. The write oper-
ation requires the register address and the write data to be valid within the same frame. SCRA[1:0] must
be cleared when accessing the primary Codec. They must also be cleared during the idle period where
no register read or write is pending. The physical address of a Codec is determined by the ID[1:0]# input
pins which are reflected in the
Extended Audio ID (Index 28h) register and the Extended Modem ID (In-
dex 3Ch) register. The SCRA[1:0] bits are listed as the ID[1:0] bits in Slot 0 in the AC ‘97 specification.
5.3.2
Register Address (Slot 1)
R/W #
Read/Write#. Determines if a read (R/W# = 1) or write (R/W# = 0) operation is requested. For a read
operation, the following Input Frame will return the register index in the
Read-Back Address Port (Slot
1) and the contents of the register in the
Read-Back Data Port (Slot 2). A write operation does not return
any valid data in the following frame. If the R/W# bit = 0, data must be valid in both the
Register Address
(Slot 1) and the
Register Write Data (Slot 2) during a frame when Slot [1:2] Valid or SCRA[1:0] are set.
RI[6:0]
Register index/address. Registers can only be accessed on word boundaries; RI0 must be set to 0.
RI[6:0] must contain valid data during a frame when the Slot 1 Valid or SCRA[1:0] are set.
Bit 15
14
13
12
11
10
9
8
76543210
Valid
Frame
Slot 1
Valid
Slot 2
Valid
Slot 3
Valid
Slot 4
Valid
Slot 5
Valid
Slot 6
Valid
Slot 7
Valid
Slot 8
Valid
Slot 9
Valid
Slot 10
Valid
Slot 11
Valid
Slot 12
Valid
SCRA
1
SCRA
0
Bit 19
18
17
16
15
14
13
12
11
10
98765
43210
R/W# RI6
RI5
RI4
RI3
RI2
RI1
RI0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com