Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4298 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4298
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4298 Datasheet HTML 9Page - Cirrus Logic CS4298 Datasheet HTML 10Page - Cirrus Logic CS4298 Datasheet HTML 11Page - Cirrus Logic CS4298 Datasheet HTML 12Page - Cirrus Logic CS4298 Datasheet HTML 13Page - Cirrus Logic CS4298 Datasheet HTML 14Page - Cirrus Logic CS4298 Datasheet HTML 15Page - Cirrus Logic CS4298 Datasheet HTML 16Page - Cirrus Logic CS4298 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
CS4298
DS315PP2
13
3. DIGITAL SECTION
3.1
AC-Link
All communication with the Codec is estab-
lished with a 5-wire digital interface to the Con-
troller chip as shown in Figure 7. All clocking
for the serial communication is synchronous to
the BIT_CLK signal. BIT_CLK is generated by
the primary Codec and is used to slave the Con-
troller and any secondary Codecs, if applicable.
An AC-link audio frame is a sequence of 256 se-
rial bits organized into 13 groups referred to as
‘slots’. One frame consists of one 16-bit slot and
twelve 20-bit slots. During each audio frame,
data is passed bi-directionally between the Co-
dec and the Controller. The input frame is driv-
en from the Codec on the SDATA_IN line. The
output frame is driven from the Controller SDATA_OUT line. Both input and output frames contain
the same number of bits and are organized with the same ‘slot’ configuration. The input and output
frame have differing functions for each slot. The Controller synchronizes the beginning of a frame
with the SYNC signal. In Figure 9 the position of each bit location within the frame is noted. The
first bit position in a new serial data frame is F0 and the last bit position in the serial data frame is
F255. When SYNC goes active (high) and is sampled active by the CS4298 (on the falling edge of
BIT_CLK), both devices are synchronized to a new serial data frame. The data on the SDATA_OUT
pin at this clock edge is the final bit of the previous frame’s serial data. On the next rising edge of
BIT_CLK, the first bit of Slot 0 is driven by the Controller on the SDATA_OUT pin. The CS4298
latches in this data, as the first bit of the frame, on the next falling edge of the BIT_CLK clock signal.
The Controller is also responsible for issuing reset via the RESET# signal. After being reset, the Co-
dec is responsible for flagging the Controller that it is ready for operation after synchronizing its in-
ternal functions. The AC-link signals may be referenced to either 5 Volts or 3.3 Volts. The CS4298
must use the same digital supply voltage as the Controller chip.
3.2
Control registers
All read accesses to the Codec are generated by requesting a register address (index number) in slot
1 of a SDATA_OUT frame. The following SDATA_IN frame will contain the register content in its
slot 2. The write operation is identical with the index in slot 1 and the write data in slot 2. The AC ‘97
Frame Definition section details the function of each input and output frame. Individual register de-
scriptions are found in the Register Interface section.
AC-97 Register Interface
The CS4298 implements the AC ’97 Registers in accordance with the AC ’97 2.0 Specification. See
the Register Interface section for details on the CS4298’s register set.
CODEC
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
RESET#
Digital AC’97
Controller
Figure 7. AC-link Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com