Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4298 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4298
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4298 Datasheet HTML 1Page - Cirrus Logic CS4298 Datasheet HTML 2Page - Cirrus Logic CS4298 Datasheet HTML 3Page - Cirrus Logic CS4298 Datasheet HTML 4Page - Cirrus Logic CS4298 Datasheet HTML 5Page - Cirrus Logic CS4298 Datasheet HTML 6Page - Cirrus Logic CS4298 Datasheet HTML 7Page - Cirrus Logic CS4298 Datasheet HTML 8Page - Cirrus Logic CS4298 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 1999
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
FEATURES
s AC ‘97 2.0 compatible
s 20-bit stereo output and 18-bit stereo input codec
with fixed 48 kHz sampling rate
s 20-bit output and 18-bit input dual modem AFE
with fixed 48 kHz sampling rate
s Dedicated ADC for handset or speakerphone
s Four analog line-level stereo inputs for connec-
tion from LINE IN, CD, VIDEO, and AUX
s High quality pseudo-differential CD input
s Dual stereo line level output with independent 6-
bit volume control
s 10 General Purpose I/O pins for Modem DAA
controls
s IEC-958 Digital Output (S/PDIF)
s Meets or exceeds Microsoft's ® PC 98 and PC 99
audio performance requirements
s CrystalClear™ 3D Stereo Enhancement
DESCRIPTION
The CS4298 is an AC ‘97 compatible Audio/Mo-
dem Codec designed for PC multimedia systems.
Using the industry leading CrystalClear™ delta-
sigma and mixed signal technology, the CS4298 is
ideal for PC 98-compliant desktop, notebook, and
entertainment PCs, where high-quality audio and
modem features are required.The CS4298 offers
four channels of D/A and A/D conversion along
with analog mixing and 3D processing. For multi-
channel audio systems, the CS4298 can provide
four audio channels. For combined audio/modem
systems, the CS4298 can provide a modem AFE,
voice codec, and stereo audio codec..
ORDERING INFORMATION
CS4298-KQ
64-pin TQFP
10x10x1.4mm
CS4298-JQ
64-pin TQFP
10x10x1.4mm
VOL
MUTE
MUTE
MUTE
MUTE
VOL
VOL
VOL
+20dB
DAC
3D
STEREO TO
MONO MIXER
VOL
VOL
OUTPUT
BUFFER
OUTPUT
BUFFER
MASTER VOLUME
ALTERNATE VOLUME
MAIN D/A
CONVERTERS
PCM_OUT
PCM OUT
PATH
STEREO
INPUT
MIXER
STEREO
OUTPUT
MIXER
Σ
Σ
Σ
MIC1
AUX
CD
LINE
Mode Control
SYNC
SDATA_OUT
MUTE
VOL
ADC
INPUT
MUX
VOL
MUTE
ADC
MAIN ADC GAIN
ADC
DAC
RESET#
ALT_LINE_OUT
LINE_OUT
GPIO
BIT_CLK
SDATA_IN
AC-Link Interface
2
/
2
/
2
/
2
/
2
/
2
/
2
/
10
/
3
/
MIC2
MIC SELECT
VIDEO
MUTE
VOL
2
/
MUTE
VOL
ADC
DAC
VOL
VOL
VOL
VOL
Vref
(loopback) HTX-
(loopback) HTX+
Vref
(loopback) MTX-
(loopback) MTX+
MRX+
MRX-
HRX+
HRX-
HRX-
HRX+
MRX+
MRX-
Class AB
Dif out
-
+
+
-
Class AB
Dif out
-
+
+
-
MTX+
MTX-
HTX+
HTX-
SoundFusion® Audio/Modem Codec ’97(AMC’97)
CS4298
AUG ‘99
DS315PP2


Similar Part No. - CS4298

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4291 CIRRUS-CS4291 Datasheet
1Mb / 66P
Audio Codec ??7 with Headphone Amplifier
CS4291 CIRRUS-CS4291 Datasheet
1Mb / 81P
CrystalClear짰 Audio Codec ??7 for Portable Computing
CS4294 CIRRUS-CS4294 Datasheet
856Kb / 42P
SoundFusion Audio/Docking Codec 97 (AMC 97)
CS4294-JQ CIRRUS-CS4294-JQ Datasheet
856Kb / 42P
SoundFusion Audio/Docking Codec 97 (AMC 97)
CS4294-KQ CIRRUS-CS4294-KQ Datasheet
856Kb / 42P
SoundFusion Audio/Docking Codec 97 (AMC 97)
More results

Similar Description - CS4298

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4294 CIRRUS-CS4294 Datasheet
856Kb / 42P
SoundFusion Audio/Docking Codec 97 (AMC 97)
CS4297 CIRRUS-CS4297 Datasheet
936Kb / 46P
CrystalClear SoundFusion Audio Codec 97
CS4297A CIRRUS-CS4297A Datasheet
938Kb / 52P
CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ Datasheet
474Kb / 52P
CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299 Datasheet
951Kb / 52P
CrystalClear SoundFusion Audio Codec 97
logo
Wolfson Microelectronic...
WM9713 WOLFSON-WM9713 Datasheet
1Mb / 111P
AC 97 AUDIO TOUCHPANEL CODEC
WM9713L WOLFSON-WM9713L_06 Datasheet
1Mb / 108P
AC 97 Audio Touchpanel CODEC
WM9714L WOLFSON-WM9714L_06 Datasheet
1Mb / 94P
AC 97 Audio CODEC
logo
Cirrus Logic
CS4299 CIRRUS-CS4299_06 Datasheet
1Mb / 52P
CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ_06 Datasheet
655Kb / 52P
CrystalClear SoundFusion Audio Codec 97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com