Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4298 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS4298
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS4298 Datasheet HTML 42Page - Cirrus Logic CS4298 Datasheet HTML 43Page - Cirrus Logic CS4298 Datasheet HTML 44Page - Cirrus Logic CS4298 Datasheet HTML 45Page - Cirrus Logic CS4298 Datasheet HTML 46Page - Cirrus Logic CS4298 Datasheet HTML 47Page - Cirrus Logic CS4298 Datasheet HTML 48Page - Cirrus Logic CS4298 Datasheet HTML 49Page - Cirrus Logic CS4298 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
CS4298
46
DS315PP2
VIDEO_L and VIDEO_R - Analog Video Audio Source, Inputs
These inputs form a stereo input pair to the CS4298. It is intended to be used for the audio
signal output of a video device. The maximum allowable input is 1 VRMS (sinusoidal). These
inputs are internally biased at the Vrefout voltage reference. AC coupling to external circuitry
is required. If these inputs are not used, they should both be connected to the Vrefout pin or
both AC coupled, with separate AC coupling caps, to analog ground.
AUX_L and AUX_R - Analog Auxiliary Source, Inputs
These inputs form a stereo input pair to the CS4298. The maximum allowable input is 1 VRMS
(sinusoidal). These inputs are internally biased at the Vrefout voltage reference. AC coupling to
external circuitry is required. If these inputs are not used, they should both be connected to the
Vrefout pin or both AC coupled, with separate AC coupling caps, to analog ground.
LINE_OUT_L and LINE_OUT_R - Analog Line Level Outputs
These signals are analog outputs from the stereo output mixer. The full scale output voltage for
output is nominally 1 VRMS and is internally biased at the Vrefout voltage reference. It is
required to either AC couple these pins to external circuitry or DC couple them to a buffer op-
amp biased at the Vrefout voltage. These pins need a 680 pF NPO capacitor attached to analog
ground.
ALT_LINE_OUT_L and ALT_LINE_OUT_R - Analog Alternate Line Level Outputs
These signals are analog outputs from the stereo output mixer. The full scale output voltage for
each output is nominally 1 VRMS and is internally biased at the Vrefout voltage reference. It is
required to either AC couple these pins to external circuitry or DC couple them to a buffer op-
amp biased at the Vrefout voltage. These pins need a 680 pF NPO capacitor attached to analog
ground.
8.3
Filter and Reference Pins
REFFLT - Internal Reference Voltage, Input
This is the voltage reference used internal to the part. A 0.1
µF and a 1 µF (must not be larger
than 1
µF) capacitor with short, wide traces must be connected to this pin. No other
connections should be made to this pin.
Vrefout - Voltage Reference, Output
All analog inputs and outputs are centered around Vrefout which is nominally 2.2 Volts. This
pin may be used to level shift external circuitry, however any external loading should be
buffered.
AFLT1 - Left Channel Antialiasing Filter Input
This pin needs a 390 pF NPO capacitor attached to analog ground.
AFLT2 - Right Channel Antialiasing Filter Input
This pin needs a 390 pF NPO capacitor attached to analog ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com