Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4298 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS4298
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS4298 Datasheet HTML 15Page - Cirrus Logic CS4298 Datasheet HTML 16Page - Cirrus Logic CS4298 Datasheet HTML 17Page - Cirrus Logic CS4298 Datasheet HTML 18Page - Cirrus Logic CS4298 Datasheet HTML 19Page - Cirrus Logic CS4298 Datasheet HTML 20Page - Cirrus Logic CS4298 Datasheet HTML 21Page - Cirrus Logic CS4298 Datasheet HTML 22Page - Cirrus Logic CS4298 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
CS4298
DS315PP2
19
5.4.2
Read-Back Address Port (Slot 1)
RI[6:0]
Register index. The Read-Back Address Port echoes the AC ’97 Register address when a register read
has been requested in the previous frame. The Codec will only echo the register index for a read access.
Write accesses will not return valid data in Slot 1.
5.4.3
Read-Back Data Port (Slot 2)
RD[15:0]
16-bit register value. The Read-Back Data Port contains the register data requested by the Controller
from the previous read request. All read requests will return the read address in the
Read-Back Address
Port (Slot 1) and the register data in the Read-Back Data Port (Slot 2) on the following serial data frame.
5.4.4
PCM Capture Data (Slot 3-11)
CD[17:0]
18-bit PCM (2’s compliment) data. The mapping of a given slot to an ADC is determined by the state of
the MD[1:0] bits found in the
AC Mode Control (Index 5Eh) register.
5.4.5
GPIO Pin Status (Slot 12)
GI[9:0]
Status of the GPIO[9:0] pin.
IRQ
Set when the GPIO generates a wake up or interrupt cycle. See
GPIO Pin Wake Up Mask (Index 52h)
register.
The capture data in Slot [3:12] will only be valid when the respective slot valid bit is set in Slot 0.
Bit 19
18
17
16
15
14
13
12
11
10
98765
4
3210
RI6
RI5
RI4
RI3
RI2
RI1
RI0
Bit 19
18
17
16
15
14
13
12
11
10
9
8765
4321
0
RD15 RD14 RD13 RD12 RD11 RD10 RD9 RD8 RD7 RD6 RD5 RD4 RD3 RD2 RD1 RD0
Bit 19
18
17
16
15
14
13
12
11
10
98765
43210
CD17 CD16 CD15 CD14 CD13 CD12 CD11 CD10 CD9 CD8 CD7 CD6 CD5 CD4 CD3 CD2 CD1 CD0
Bit 19
18
17
16
15
14
13
12
11
10
98765
43210
GI9
GI8
GI7
GI6
GI5
GI4
GI3
GI2
GI1
GI0
IRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com