Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4298 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS4298
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS4298 Datasheet HTML 35Page - Cirrus Logic CS4298 Datasheet HTML 36Page - Cirrus Logic CS4298 Datasheet HTML 37Page - Cirrus Logic CS4298 Datasheet HTML 38Page - Cirrus Logic CS4298 Datasheet HTML 39Page - Cirrus Logic CS4298 Datasheet HTML 40Page - Cirrus Logic CS4298 Datasheet HTML 41Page - Cirrus Logic CS4298 Datasheet HTML 42Page - Cirrus Logic CS4298 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
CS4298
DS315PP2
39
7.4
Consumer IEC-958 Digital Interface (S/PDIF)
The CS4298 supports the industry standard IEC-958 consumer digital interface. Sometimes this stan-
dard is referred to as S/PDIF, which refers to an older version of this standard. This output provides
an interface, external to the PC, for storing digital CD-ROM) or playing digital audio from digital
speakers. Figure 14 illustrates the circuit necessary for implementation of the IEC-958 consumer in-
terface. The CS4298 is capable of directly driving the voltage divider for the 75
Ω interface. An op-
tional current driver is shown when an increase of the transmission range of the coaxial circuitry is
required. An optional fiber optic circuit may be connected directly to the CS4298.
7.5
Miscellaneous Analog Signals
The AFILT1 and AFILT2 pins must have a 1000 pF NPO capacitor (must not be smaller than 390
pF) to analog ground. These capacitors, along with an internal resistor, provide a single-pole low-
pass filter at the inputs to the ADCs. By placing these filters at the input to the ADCs, low-pass filters
at each analog input pin are not necessary.
The REFFLT pin lowers the noise of the internal voltage reference. A 1
µF (must not be greater than
1
µF) and 0.1 µF capacitor to analog ground should be connected with a short, wide trace to this pin.
No other connection should be made, as any coupling onto this pin will degrade the analog perfor-
mance of the Codec. Likewise, digital signals should be kept away from REFFLT for similar reasons.
Figure 13. Headphones Driver
AGND
AGND
AGND
1/4 WATT
1/4 WATT
HP_OUT_R
ALT_LINE_OUT_L
HP_OUT_L
Vrefout
ALT_LINE_OUT_R
22pF
NPO
39k
Ω
4
1
2
3
22pF
NPO
TDA1308
+
-
5
6
7
27k
Ω
4
1
2
3
TDA1308
+
-
3
2
1
220
µF
ELEC
+
47K
Ω
4
1 2
3
ELEC
+
680pF
NPO
680pF
NPO
0.1
µF
Y5V
1.0
µF
Y5V
220
µF
10
Ω
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com