Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4298 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS4298
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS4298 Datasheet HTML 43Page - Cirrus Logic CS4298 Datasheet HTML 44Page - Cirrus Logic CS4298 Datasheet HTML 45Page - Cirrus Logic CS4298 Datasheet HTML 46Page - Cirrus Logic CS4298 Datasheet HTML 47Page - Cirrus Logic CS4298 Datasheet HTML 48Page - Cirrus Logic CS4298 Datasheet HTML 49Page - Cirrus Logic CS4298 Datasheet HTML 50Page - Cirrus Logic CS4298 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
CS4298
DS315PP2
47
FLTI - 3D Filter Input
A 1000 pF capacitor must be attached between this pin and FLTO if the 3D function is used.
FLTO - 3D Filter Output
A 1000 pF capacitor must be attached between this pin and FLTI if the 3D function is used.
FLT3D - 3D Filter
A 0.01
µF capacitor must be attached from this pin to AGND if the 3D function is used.
8.4
Modem/Telephony
MRX+, MRX- - Modem Line Differential Receive, Inputs
This differential input receive pair connects to a 2- to 4-wire hybrid converter or an integrated
DAA and is used to sample the analog phone line signal. The maximum full scale differential
input is 3.0 Vp-p. These pins may be used in single ended fashion by connecting the input to
MRX+ and AC-grounding the MRX- pin, or by tying one of the two inputs to Vrefout to
provide DC-biasing.
HRX+, HRX- - Handset Differential Receive, Inputs
This differential input receive pair connects to a 2- to 4-wire hybrid converter and is used to
communicate with the local handset. These input pins may also be used to interface to a second
telephone line. The maximum full scale differential input is 3.0 Vp-p. These pins may be used
in single ended fashion by connecting the input to HRX+ and AC-grounding the HRX- pin, or
by tying one of the two inputs to Vrefout to provide DC-biasing.
MTX+, MTX- - Modem Line Differential Transmit, Outputs
This differential transmit output pair connects the a 2- to 4-wire hybrid converter or an
integrated DAA and is used to transmit over the analog phone line. The maximum full scale
differential output is 5.6 Vp-p (MTX+ to MTX-). Each output pin is internally biased at the
Vrefout voltage. These pins may be used in single ended fashion by using one leg of the
differential output pair. The maximum output for each pin is 2.8 Vp-p or 1.0 Vrms.
HTX+, HTX- - Handset Differential Transmit, Outputs
This differential transmit output pair connects the a 2- to 4-wire hybrid converter or an
integrated DAA and is used to transmit over the analog phone line. The maximum full scale
differential output is 5.6 Vp-p (HTX+ to HTX-). Each output pin is internally biased at the
Vrefout voltage. These pins may be used in single ended fashion by using one leg of the
differential output pair. The maximum output for each pin is 2.8 Vp-p or 1.0 Vrms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com