Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4298 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS4298
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS4298 Datasheet HTML 39Page - Cirrus Logic CS4298 Datasheet HTML 40Page - Cirrus Logic CS4298 Datasheet HTML 41Page - Cirrus Logic CS4298 Datasheet HTML 42Page - Cirrus Logic CS4298 Datasheet HTML 43Page - Cirrus Logic CS4298 Datasheet HTML 44Page - Cirrus Logic CS4298 Datasheet HTML 45Page - Cirrus Logic CS4298 Datasheet HTML 46Page - Cirrus Logic CS4298 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
CS4298
DS315PP2
43
8.1
g2
Digital I/O Pins
RESET# - AC ’97 Chip Reset, Input
This active low signal is the asynchronous Cold Reset input to the CS4298. The CS4298 must
be reset before it can enter normal operating mode. When the PR4 bit of register 26h is set, the
RESET# rising edge will be used as an AC ‘97 2.1 Warm Reset only, preserving register
values.
SYNC - AC-link Serial Port Sync pulse, Input
This signal is the serial port timing signal for the AC-link of the CS4298. Its period is the
reciprocal of the sample rate of the CS4298, 48 kHz. This signal is generated by the AC ’97
Controller and is synchronous to BIT_CLK. SYNC is also an asynchronous input when the
CS4298 is in a PR4 powerdown state and is configured as a primary codec. A series
terminating resistor of 47
Ω should be connected on this signal close to the device driving the
signal.
BIT_CLK - AC-link Serial Port Master Clock, Input/Output
This input/output signal controls the master clock timing for the AC-link. In codec primary
mode, this signal is an output 12.288 MHz clock signal which is divided down by two from the
XTL_IN input clock pin. In codec secondary mode, this signal is an input which controls the
AC-link serial interface. In BIT_CLK mode, this signal generates all internal clocking including
the AC-link serial interface timing. A series terminating resistor of 47
Ω should be connected
on this signal close to the CS4298 in primary mode or close to the BIT_CLK source if in
secondary mode.
SDATA_OUT - AC-link Serial Data Input Stream to AC ‘97, Input
This input signal transmits the control information and digital audio output streams to be sent
to the DACs. The data is clocked into the CS4298 on the falling edge of BIT_CLK. A series
terminating resistor of 47
Ω should be connected on this signal close to the device driving the
input.
SDATA_IN - AC-link Serial Data Output Stream from AC ‘97, Output
This output signal transmits the status information and digital audio input streams from the
ADCs. The data is clocked out of the CS4298 on the rising edge of BIT_CLK. A series
terminating resistor of 47
Ω should be connected on this signal as close to the CS4298 as
possible.
XTL_IN - Crystal Input
This pin accepts either a crystal, with the other pin attached to XTL_OUT, or an external
CMOS clock. XTL_IN must have a crystal or clock source attached for proper operation except
when operating in BIT_CLK mode. The crystal frequency must be 24.576 MHz and designed
for fundamental mode, parallel resonance operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com