Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4298 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS4298
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS4298 Datasheet HTML 44Page - Cirrus Logic CS4298 Datasheet HTML 45Page - Cirrus Logic CS4298 Datasheet HTML 46Page - Cirrus Logic CS4298 Datasheet HTML 47Page - Cirrus Logic CS4298 Datasheet HTML 48Page - Cirrus Logic CS4298 Datasheet HTML 49Page - Cirrus Logic CS4298 Datasheet HTML 50Page - Cirrus Logic CS4298 Datasheet HTML 51Page - Cirrus Logic CS4298 Datasheet HTML 52Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
CS4298
DS315PP2
49
9. PARAMETER AND TERM DEFINITIONS
AC ’97 Specification
Refers to the Audio Codec ‘97 Component Specification Ver 2.1 published by Intel®
Corporation [].
AC ’97 Controller or Controller
Refers to the control chip which interfaces to the Codec’s AC-link. This has been also called
DC ’97 for Digital Controller ‘97 [].
AC ’97 Registers or Codec registers
Refers to the 64-field register map defined in the AC ’97 Specification.
ADC
Refers to a single Analog-to-Digital converter in the Codec. “ADCs” refers to the stereo pair of
Analog-to-Digital converters.
DAC
A single Digital-to-Analog converter in the Codec “DACs” refers to the stereo pair of Digital-
to-Analog converters.
SRC
Sample Rate converter. Converts data derived at one sample rate to a differing sample rate.
Codec
Refers to the chip containing the ADCs, DACs, and analog mixer. In this data sheet, the Codec
is the CS4297A9.
FFT
Fast Fourier Transform.
Resolution
The number of bits in the output words to the DACs, and in the input words to the ADCs.
Differential Nonlinearity
The worst case deviation from the ideal code width. Units in LSB.
dB FS A
dB FS is defined as dB relative to full-scale. The “A” indicates an A weighting filter was used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com