Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4298 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS4298
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS4298 Datasheet HTML 27Page - Cirrus Logic CS4298 Datasheet HTML 28Page - Cirrus Logic CS4298 Datasheet HTML 29Page - Cirrus Logic CS4298 Datasheet HTML 30Page - Cirrus Logic CS4298 Datasheet HTML 31Page - Cirrus Logic CS4298 Datasheet HTML 32Page - Cirrus Logic CS4298 Datasheet HTML 33Page - Cirrus Logic CS4298 Datasheet HTML 34Page - Cirrus Logic CS4298 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
CS4298
DS315PP2
31
6.1.22 Extended Modem ID (Index 3Eh)
PRH
Handset DAC. When set powers down the Handset DAC.
PRG
Handset ADC. When set powers down the Handset ADC.
PRF
Line 2 DAC. When set powers down the Line 2 DAC.
PRE
Line 2 ADC. When set powers down the Line 2 ADC.
PRD
Line 1 DAC. When set powers down the Line 1 DAC.
PRC
Line 1 ADC. When set powers down the Line 1 ADC.
PRB
Modem Reference. When set powers down the modem reference. The modem and audio share a com-
mon reference. The reference will not power down unless PR3 of the
Power Down Ctrl/Stat (Index 26h)
register is also set.
PRA
GPIO. When set the GPIO pins are tri-state and powered down. Slot 12 is marked invalid if the AC-link
is active.
HDAC
Handset DAC. When set indicates the Handset DAC is ready.
HADC
Handset ADC. When set indicates the Handset ADC is ready.
DAC2
Line 2 DAC. When set indicates the Line 2 DAC is ready.
ADC2
Line 2 ADC. When set indicates the Line 2 ADC is ready.
DAC1
Line 1 DAC. When set indicates the Line 1 DAC is ready.
ADC1
Line 1 ADC. When set indicates the Line 1 ADC is ready.
MREF
Modem Reference. When set indicates the modem reference is ready.
GPIO
GPIO. When set the GPIO pins are ready. Slot 12 is marked valid.
Default
Mode 0
x0CFh
Mode 1
x03Fh
Mode 2
x08Fh
Mode 3
x047h Where x is determined by the state of ID[1:0] input pins.
PR[A:H] are read/write bits that provide power management of the modem AFE subsection. All re-
maining bits are read/only status indicating modem subsystems are ready for operation. After reset
or issuing a change to the MD[1:0] of AC Mode (Index 5Eh) register, the respective status bits for
that mode will be clear until the subsystem becomes ready.
6.1.23 Line 1 DAC/ADC Rate (Index 40h)
SR[15:0]
Line 1 DAC/ADC Sample Rate.
Default
Read-only value BB80h, indicating 48 kHz sample rate.
6.1.24 Line 2 DAC/ADC Rate (Index 42h)
SR[15:0]
Line 2 DAC/ADC Sample Rate.
Default
Read-only value BB80h, indicating 48 kHz sample rate.
Mode
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
PRH
PRG
PRD
PRC
PRB
PRA
HDAC
HADC
DAC1
ADC1
MREF
GPIO
1
PRF
PRE
PRD
PRC
PRB
PRA
DAC2
ADC2
DAC1
ADC1
MREF
GPIO
2
PRH
PRD
PRC
PRB
PRA
HDAC
DAC1
ADC1
MREF
GPIO
3
PRG
PRC
PRB
PRA
HADC
ADC1
MREF
GPIO
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SR15
SR14
SR13
SR12
SR11
SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SR15
SR14
SR13
SR12
SR11
SR10
SR9
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com