Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AT25DF161
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AT25DF161_13 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
11
AT25DF161
the device will return to the idle state once the CS pin has been deasserted. The WEL bit in the Status Register will be
reset back to the logical “0” state if the program cycle aborts due to an incomplete address being sent, an incomplete
byte of data being sent, the CS pin being deasserted on uneven byte boundaries, or because the memory location to be
programmed is protected or locked down.
While the device is programming, the Status Register can be read and will indicate that the device is busy. For faster
throughput, it is recommended that the Status Register be polled rather than waiting the tBP or tPP time to determine if the
data bytes have finished programming. At some point before the program cycle completes, the WEL bit in the Status
Register will be reset back to the logical “0” state.
The device also incorporates an intelligent programming algorithm that can detect when a byte location fails to program
properly. If a programming error arises, it will be indicated by the EPE bit in the Status Register.
Figure 8-1.
Byte Program
Figure 8-2.
Page Program
8.2
Dual-Input Byte/Page Program
The Dual-Input Byte/Page Program command is similar to the standard Byte/Page Program command and can be used to
program anywhere from a single byte of data up to 256-bytes of data into previously erased memory locations. Unlike the
standard Byte/Page Program command, however, the Dual-Input Byte/Page Program command allows two bits of data to
be clocked into the device on every clock cycle rather than just one.
Before the Dual-Input Byte/Page Program command can be started, the Write Enable command must have been
previously issued to the device (see “Write Enable” on page 18) to set the Write Enable Latch (WEL) bit of the Status
Register to a logical “1” state. To perform a Dual-Input Byte/Page Program command, an opcode of A2h must be clocked
SO
SI
SCK
CS
SO
SI
SCK
CS
3687H–DFLASH–5/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com