Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AT25DF161
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AT25DF161_13 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
13
AT25DF161
Figure 8-3.
Dual-Input Byte Program
Figure 8-4.
Dual-Input Page Program
8.3
Block Erase
A block of 4-, 32-, or 64-Kbytes can be erased (all bits set to the logical “1” state) in a single operation by using one of
three different opcodes for the Block Erase command. An opcode of 20h is used for a 4-Kbyte erase, an opcode of 52h is
used for a 32-Kbyte erase, and an opcode of D8h is used for a 64-Kbyte erase. Before a Block Erase command can be
started, the Write Enable command must have been previously issued to the device to set the WEL bit of the Status
Register to a logical “1” state.
To perform a Block Erase, the CS pin must first be asserted and the appropriate opcode (20h, 52h, or D8h) must be
clocked into the device. After the opcode has been clocked in, the three address bytes specifying an address within the 4-
, 32-, or 64-Kbyte block to be erased must be clocked in. Any additional data clocked into the device will be ignored. When
the CS pin is deasserted, the device will erase the appropriate block. The erasing of the block is internally self-timed and
should take place in a time of tBLKE.
Since the Block Erase command erases a region of bytes, the lower order address bits do not need to be decoded by the
device. Therefore, for a 4-Kbyte erase, address bits A11-A0 will be ignored by the device and their values can be either a
logical “1” or “0”. For a 32-Kbyte erase, address bits A14-A0 will be ignored, and for a 64-Kbyte erase, address bits
A15-A0 will be ignored by the device. Despite the lower order address bits not being decoded by the device, the
complete three address bytes must still be clocked into the device before the CS pin is deasserted, and the CS pin must be
deasserted on an even byte boundary (multiples of eight bits); otherwise, the device will abort the operation and no erase
operation will be performed.
SCK
CS
SOI
SI
SCK
CS
SOI
SI
3687H–DFLASH–5/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com