Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # AT25DF161
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AT25DF161_13 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
16
AT25DF161
the logical “0” state. Likewise, an erase operation is not allowed to a sector that has been program suspended. If
attempted, the erase operation will abort and the WEL bit in the Status Register will be reset to a logical “0” state.
During an Erase Suspend, a program operation to a different 64-Kbyte sector can be started and subsequently suspended.
This results in a simultaneous Erase Suspend/Program Suspend condition and will be indicated by the states of both the ES
and PS bits in the Status Register being set to the logical “1” state.
If a Reset operation (see “Reset” on page 35) is performed while a sector is erase suspended, the suspend operation will
abort and the contents of the block in the suspended sector will be left in an undefined state. However, if a Reset is
performed while a sector is program suspended, the suspend operation will abort but only the contents of the page that
was being programmed and subsequently suspended will be undefined. The remaining pages in the 64-Kbyte sector will
retain their previous contents.
If an attempt is made to perform an operation that is not allowed during a program or erase suspend, such as a Protect
Sector operation, then the device will simply ignore the opcode and no operation will be performed. The state of the WEL
bit in the Status Register, as well as the SPRL (Sector Protection Registers Locked) and SLE (Sector Lockdown Enabled)
bits, will not be affected..
Table 8-1.
Operations Allowed and Not Allowed During a Program or Erase Suspend
Command
Operation During
Program Suspend
Operation During
Erase Suspend
Read Commands
Read Array (All Opcodes)
Allowed
Allowed
Program and Erase Commands
Block Erase
Not Allowed
Not Allowed
Chip Erase
Not Allowed
Not Allowed
Byte/Page Program (All Opcodes)
Not Allowed
Allowed
Program/Erase Suspend
Not Allowed
Allowed
Program/Erase Resume
Allowed
Allowed
Protection Commands
Write Enable
Not Allowed
Allowed
Write Disable
Not Allowed
Allowed
Protect Sector
Not Allowed
Not Allowed
Unprotect Sector
Not Allowed
Not Allowed
Global Protect/Unprotect
Not Allowed
Not Allowed
Read Sector Protection Registers
Allowed
Allowed
Security Commands
Sector Lockdown
Not Allowed
Not Allowed
Freeze Sector Lockdown State
Not Allowed
Not Allowed
Read Sector Lockdown Registers
Allowed
Allowed
Program OTP Security Register
Not Allowed
Not Allowed
Read OTP Security Register
Allowed
Allowed
Status Register Commands
Read Status Register
Allowed
Allowed
Write Status Register (All Opcodes)
Not Allowed
Not Allowed
3687H–DFLASH–5/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com