Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # AT25DF161
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button AT25DF161_13 Datasheet HTML 29Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 31Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 35Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 36Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
33
AT25DF161
execution. When the SLE bit is in the logical “1” state, the Sector Lockdown and Freeze Sector Lockdown State
commands are enabled.
Unlike the WEL bit, the SLE bit does not automatically reset after certain device operations. Therefore, once set, the SLE bit
will remain in the logical “1” state until it is modified using the Write Status Register Byte 2 command or until the device
has been power cycled. The Reset command has no effect on the SLE bit.
If the Freeze Sector Lockdown State command has been issued, then the SLE bit will be permanently reset in the logical
“0” state to indicate that the Sector Lockdown command has been disabled.
11.1.8 PS Bit
The PS bit indicates whether or not a sector is in the Program Suspend state.
11.1.9 ES Bit
The ES bit indicates whether or not a sector is in the Erase Suspend state.
11.1.10 RDY/BSY Bit
The RDY/BSY bit is used to determine whether or not an internal operation, such as a program or erase, is in progress. To
poll the RDY/BSY bit to detect the completion of a program or erase cycle, new Status Register data must be continually
clocked out of the device until the state of the RDY/BSY bit changes from a logical “1” to a logical “0”.
Figure 11-1. Read Status Register
11.2
Write Status Register Byte 1
The Write Status Register Byte 1 command is used to modify the SPRL bit of the Status Register and/or to perform a
Global Protect or Global Unprotect operation. Before the Write Status Register Byte 1 command can be issued, the Write
Enable command must have been previously issued to set the WEL bit in the Status Register to a logical “1”.
To issue the Write Status Register Byte 1 command, the CS pin must first be asserted and the opcode of 01h must be
clocked into the device followed by one byte of data. The one byte of data consists of the SPRL bit value, a don’t care bit,
four data bits to denote whether a Global Protect or Unprotect should be performed, and two additional don’t care bits
(see Table 11-3). Any additional data bytes that are sent to the device will be ignored. When the CS pin is deasserted, the
SPRL bit in the Status Register will be modified, and the WEL bit in the Status Register will be reset back to a logical “0”.
The values of bits five, four, three, and two and the state of the SPRL bit before the Write Status Register Byte 1 command
was executed (the prior state of the SPRL bit) will determine whether or not a Global Protect or Global Unprotect will be
performed. Please refer to “Global Protect/Unprotect” on page 21 for more details.
The complete one byte of data must be clocked into the device before the CS pin is deasserted, and the CS pin must be
deasserted on even byte boundaries (multiples of eight bits); otherwise, the device will abort the operation, the state of
SO
SI
SCK
CS
3687G–DFLASH–1/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com