Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AT25DF161
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AT25DF161_13 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
2
AT25DF161
1.
Description
The AT25DF161 is a serial interface Flash memory device designed for use in a wide variety of high-volume consumer
based applications in which program code is shadowed from Flash memory into embedded or external RAM for execution.
The flexible erase architecture of the AT25DF161, with its erase granularity as small as 4-Kbytes, makes it ideal for data
storage as well, eliminating the need for additional data storage EEPROM devices.
The physical sectoring and the erase block sizes of the AT25DF161 have been optimized to meet the needs of today's
code and data storage applications. By optimizing the size of the physical sectors and erase blocks, the memory space can
be used much more efficiently. Because certain code modules and data storage segments must reside by themselves in
their own protected sectors, the wasted and unused memory space that occurs with large sectored and large block erase
Flash memory devices can be greatly reduced. This increased memory space efficiency allows additional code routines and
data storage segments to be added while still maintaining the same overall device density.
The AT25DF161 also offers a sophisticated method for protecting individual sectors against erroneous or malicious
program and erase operations. By providing the ability to individually protect and unprotect sectors, a system can
unprotect a specific sector to modify its contents while keeping the remaining sectors of the memory array securely
protected. This is useful in applications where program code is patched or updated on a subroutine or module basis, or in
applications where data storage segments need to be modified without running the risk of errant modifications to the
program code segments. In addition to individual sector protection capabilities, the AT25DF161 incorporates Global Protect
and Global Unprotect features that allow the entire memory array to be either protected or unprotected all at once. This
reduces overhead during the manufacturing process since sectors do not have to be unprotected one-by-one prior to
initial programming.
To take code and data protection to the next level, the AT25DF161 incorporates a sector lockdown mechanism that allows
any combination of individual 64-Kbyte sectors to be locked down and become permanently read-only. This addresses the
need of certain secure applications that require portions of the Flash memory array to be permanently protected against
malicious attempts at altering program code, data modules, security information, or encryption/decryption algorithms, keys,
and routines. The device also contains a specialized OTP (One-Time Programmable) Security Register that can be used for
purposes such as unique device serialization, system-level Electronic Serial Number (ESN) storage, locked key storage,
etc.
Specifically designed for use in 3V systems, the AT25DF161 supports read, program, and erase operations with a supply
voltage range of 2.3V to 3.6V or 2.7V to 3.6V. No separate voltage is required for programming and erasing.
3687H–DFLASH–5/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com