Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # AT25DF161
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button AT25DF161_13 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 21Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 22Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 23Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
20
AT25DF161
The complete three address bytes must be clocked into the device before the CS pin is deasserted, and the CS pin must
be deasserted on an even byte boundary (multiples of eight bits); otherwise, the device will abort the operation. When
the device aborts the Protect Sector operation, the state of the Sector Protection Register will be unchanged, and the WEL
bit in the Status Register will be reset to a logical “0”.
As a safeguard against accidental or erroneous protecting or unprotecting of sectors, the Sector Protection Registers can
themselves be locked from updates by using the SPRL (Sector Protection Registers Locked) bit of the Status Register
(please refer to the Status Register description for more details). If the Sector Protection Registers are locked, then any
attempts to issue the Protect Sector command will be ignored, and the device will reset the WEL bit in the Status Register
back to a logical “0” and return to the idle state once the CS pin has been deasserted.
Figure 9-3.
Protect Sector
9.4
Unprotect Sector
Issuing the Unprotect Sector command to a particular sector address will reset the corresponding Sector Protection
Register to the logical “0” state (see Table 9-1 for Sector Protection Register values). Every physical sector of the device
has a corresponding single-bit Sector Protection Register that is used to control the software protection of a sector.
Before the Unprotect Sector command can be issued, the Write Enable command must have been previously issued to set
the WEL bit in the Status Register to a logical “1”. To issue the Unprotect Sector command, the CS pin must first be
asserted and the opcode of 39h must be clocked into the device. After the opcode has been clocked in, the three address
bytes designating any address within the sector to be unprotected must be clocked in. Any additional data clocked into the
device after the address bytes will be ignored. When the CS pin is deasserted, the Sector Protection Register
corresponding to the sector addressed by A23-A0 will be reset to the logical “0” state, and the sector itself will be
unprotected. In addition, the WEL bit in the Status Register will be reset back to the logical “0” state.
The complete three address bytes must be clocked into the device before the CS pin is deasserted, and the CS pin must
be deasserted on an even byte boundary (multiples of eight bits); otherwise, the device will abort the operation, the state
of the Sector Protection Register will be unchanged, and the WEL bit in the Status Register will be reset to a logical “0”.
As a safeguard against accidental or erroneous locking or unlocking of sectors, the Sector Protection Registers can
themselves be locked from updates by using the SPRL (Sector Protection Registers Locked) bit of the Status Register
(please refer to the Status Register description for more details). If the Sector Protection Registers are locked, then any
attempts to issue the Unprotect Sector command will be ignored, and the device will reset the WEL bit in the Status
Register back to a logical “0” and return to the idle state once the CS pin has been deasserted.
SO
SI
SCK
CS
3687H–DFLASH–5/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com