Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # AT25DF161
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button AT25DF161_13 Datasheet HTML 38Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 39Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 40Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 41Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 42Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 43Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 44Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 45Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
42
AT25DF161
15.
Electrical Specifications
15.1
Absolute Maximum Ratings*
15.2
DC and AC Operating Range
15.3
DC Characteristics
Temperature under Bias . . . . . . . . . . . . . .-55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent damage
to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Storage Temperature. . . . . . . . . . . . . . . . .-65°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground . . . . . . . . . . . . . . . . -0.6V to +4.1V
All Output Voltages
with Respect to Ground . . . . . . . . . . . .-0.6V to VCC + 0.5V
AT25DF161 (2.3V Version)
AT25DF161
Operating Temperature (Case)
Ind.
-40°C to 85°C
-40°C to 85°C
VCC Power Supply
2.3V to 3.6V
2.7V to 3.6V
Symbol
Parameter
Condition
Min
Typ
Max
Units
ISB
Standby Current
CS, WP, HOLD = VCC,
all inputs at CMOS levels
25
50
µA
IDPD
Deep Power-down Current
CS, WP, HOLD = VCC,
all inputs at CMOS levels
510
µA
ICC1
Active Current, Read Operation
f = 100MHz; IOUT = 0mA;
CS = VIL, VCC = Max
12
19
mA
f = 85MHz; IOUT = 0mA;
CS = VIL, VCC = Max
10
17
f = 66MHz; IOUT = 0mA;
CS = VIL, VCC = Max
814
f = 50MHz; IOUT = 0mA;
CS = VIL, VCC = Max
712
f = 33MHz; IOUT = 0mA;
CS = VIL, VCC = Max
610
f = 20MHz; IOUT = 0mA;
CS = VIL, VCC = Max
58
ICC2
Active Current, Program Operation
CS = VCC, VCC = Max
10
15
mA
ICC3
Active Current, Erase Operation
CS = VCC, VCC = Max
12
18
mA
ILI
Input Leakage Current
VIN = CMOS levels
1
µA
ILO
Output Leakage Current
VOUT = CMOS levels
1
µA
VIL
Input Low Voltage
0.3 x VCC
V
VIH
Input High Voltage
0.7 x VCC
V
VOL
Output Low Voltage
IOL = 1.6mA; VCC = Min
0.4
V
VOH
Output High Voltage
IOH = -100µA; VCC = Min
VCC - 0.2V
V
3687H–DFLASH–5/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com