Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AT25DF161
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AT25DF161_13 Datasheet HTML 1Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 2Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
3
AT25DF161
2.
Pin Descriptions and Pinouts
Table 2-1.
Pin Descriptions
Symbol
Name and Function
Asserted
State
Type
CS
CHIP SELECT: Asserting the CS pin selects the device. When the CS pin is deasserted, the device
will be deselected and normally be placed in standby mode (not Deep Power-Down mode), and the
SO pin will be in a high-impedance state. When the device is deselected, data will not be accepted on
the SI pin.
A high-to-low transition on the CS pin is required to start an operation, and a low-to-high transition is
required to end an operation. When ending an internally self-timed operation such as a program or
erase cycle, the device will not enter the standby mode until the completion of the operation.
Low
Input
SCK
SERIAL CLOCK: This pin is used to provide a clock to the device and is used to control the flow of
data to and from the device. Command, address, and input data present on the SI pin is always latched
in on the rising edge of SCK, while output data on the SO pin is always clocked out on the falling edge
of SCK.
-
Input
SI (SIO)
SERIAL INPUT (SERIAL INPUT/OUTPUT): The SI pin is used to shift data into the device. The SI
pin is used for all data input including command and address sequences. Data on the SI pin is always
latched in on the rising edge of SCK.
With the Dual-Output Read Array command, the SI pin becomes an output pin (SIO) to allow two bits
of data (on the SO and SIO pins) to be clocked out on every falling edge of SCK. To maintain
consistency with SPI nomenclature, the SIO pin will be referenced as SI throughout the document
with exception to sections dealing with the Dual-Output Read Array command in which it will be
referenced as SIO.
Data present on the SI pin will be ignored whenever the device is deselected (CS is deasserted).
-
Input/Output
SO (SOI)
SERIAL OUTPUT (SERIAL OUTPUT/INPUT): The SO pin is used to shift data out from the device.
Data on the SO pin is always clocked out on the falling edge of SCK.
With the Dual-Input Byte/Page Program command, the SO pin becomes an input pin (SOI) to allow
two bits of data (on the SOI and SI pins) to be clocked in on every rising edge of SCK. To maintain
consistency with SPI nomenclature, the SOI pin will be referenced as SO throughout the document
with exception to sections dealing with the Dual-Input Byte/Page Program command in which it will
be referenced as SOI.
The SO pin will be in a high-impedance state whenever the device is deselected (CS is deasserted).
-
Output/Input
WP
WRITE PROTECT: The WP pin controls the hardware locking feature of the device. Please refer to
“Protection Commands and Features” on page 18 for more details on protection features and the WP
pin.
The WP pin is internally pulled-high and may be left floating if hardware controlled protection will not
be used. However, it is recommended that the WP pin also be externally connected to VCC whenever
possible.
Low
Input
HOLD
HOLD: The HOLD pin is used to temporarily pause serial communication without deselecting or
resetting the device. While the HOLD pin is asserted, transitions on the SCK pin and data on the SI pin
will be ignored, and the SO pin will be in a high-impedance state.
The CS pin must be asserted, and the SCK pin must be in the low state in order for a Hold condition to
start. A Hold condition pauses serial communication only and does not have an effect on internally self-
timed operations such as a program or erase cycle. Please refer to “Hold” on page 39 for additional
details on the Hold operation.
The HOLD pin is internally pulled-high and may be left floating if the Hold function will not be used.
However, it is recommended that the HOLD pin also be externally connected to VCC whenever
possible.
Low
Input
VCC
DEVICE POWER SUPPLY: The V
CC pin is used to supply the source voltage to the device.
Operations at invalid VCC voltages may produce spurious results and should not be attempted.
-
Power
GND
GROUND: The ground reference for the power supply. GND should be connected to the system
ground.
-
Power
3687H–DFLASH–5/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com