Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # AT25DF161
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button AT25DF161_13 Datasheet HTML 40Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 41Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 42Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 43Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 44Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 45Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 46Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 47Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
44
AT25DF161
Notes:
1. Not 100% tested (value guaranteed by design and characterization)
2. 15pF load at frequencies above 70MHz, 30pF otherwise
3. Only applicable as a constraint for the Write Status Register Byte 1 command when SPRL = 1
15.6
Program and Erase Characteristics
Notes:
1. Maximum values indicate worst-case performance after 100,000 erase/program cycles
2. Not 100% tested (value guaranteed by design and characterization)
15.7
Power-up Conditions
tSECUP
(1)
Sector Unprotect Time (from Chip Select High)
20
20
ns
tLOCK
(1)
Sector Lockdown and Freeze Sector Lockdown State Time (from Chip Select
High)
200
200
µs
tEDPD
(1)
Chip Select High to Deep Power-Down
1
1
µs
tRDPD
(1)
Chip Select High to Standby Mode
30
30
µs
tRST
Reset Time
30
30
µs
Symbol
Parameter
AT25DF161
(2.3V Version)
AT25DF161
Units
Min
Max
Min
Max
Symbol
Parameter
Min
Typ
Max
Units
tPP
(1)
Page Program Time (256-Bytes)
1.0
3.0
ms
tBP
Byte Program Time
7
µs
tBLKE
(1)
Block Erase Time
4-Kbytes
50
200
ms
32-Kbytes
250
600
64-Kbytes
400
950
tCHPE
(1)(2
)
Chip Erase Time
16
28
sec
tSUSP
Suspend Time
Program
10
20
µs
Erase
25
40
tRES
Resume Time
Program
10
20
µs
Erase
12
20
tOTPP
(1)
OTP Security Register Program Time
200
500
µs
tWRSR
(2)
Write Status Register Time
200
ns
Symbol
Parameter
Min
Max
Units
tVCSL
Minimum VCC to Chip Select Low Time
100
µs
tPUW
Power-up Device Delay Before Program or Erase Allowed
10
ms
VPOR
Power-on Reset Voltage
1.5
2.2
V
3687H–DFLASH–5/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com