Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # AT25DF161
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button AT25DF161_13 Datasheet HTML 28Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 29Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 31Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 35Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
32
AT25DF161
11.1.3 WPP Bit
The WPP bit can be read to determine if the WP pin has been asserted or not.
11.1.4 SWP Bits
The SWP bits provide feedback on the software protection status for the device. There are three possible combinations of
the SWP bits that indicate whether none, some, or all of the sectors have been protected using the Protect Sector
command or the Global Protect feature. If the SWP bits indicate that some of the sectors have been protected, then the
individual Sector Protection Registers can be read with the Read Sector Protection Registers command to determine which
sectors are in fact protected.
11.1.5 WEL Bit
The WEL bit indicates the current status of the internal Write Enable Latch. When the WEL bit is in the logical “0” state,
the device will not accept any Byte/Page Program, erase, Protect Sector, Unprotect Sector, Sector Lockdown, Freeze
Sector Lockdown State, Program OTP Security Register, or Write Status Register commands. The WEL bit defaults to the
logical “0” state after a device power-up or reset operation. In addition, the WEL bit will be reset to the logical “0” state
automatically under the following conditions:
• Write Disable operation completes successfully
• Write Status Register operation completes successfully or aborts
• Protect Sector operation completes successfully or aborts
• Unprotect Sector operation completes successfully or aborts
• Sector Lockdown operation completes successfully or aborts
• Freeze Sector Lockdown State operation completes successfully or aborts
• Program OTP Security Register operation completes successfully or aborts
• Byte/Page Program operation completes successfully or aborts
• Block Erase operation completes successfully or aborts
• Chip Erase operation completes successfully or aborts
• Hold condition aborts
If the WEL bit is in the logical “1” state, it will not be reset to a logical “0” if an operation aborts due to an incomplete or
unrecognized opcode being clocked into the device before the CS pin is deasserted. In order for the WEL bit to be reset
when an operation aborts prematurely, the entire opcode for a Byte/Page Program, erase, Protect Sector, Unprotect
Sector, Sector Lockdown, Freeze Sector Lockdown State, Program OTP Security Register, or Write Status Register
command must have been clocked into the device.
11.1.6 RSTE Bit
The RSTE bit is used to enable or disable the Reset command. When the RSTE bit is in the logical “0” state (the default
state after power-up), the Reset command is disabled and any attempts to reset the device using the Reset command will
be ignored. When the RSTE bit is in the logical “1” state, the Reset command is enabled.
The RSTE bit will retain its state as long as power is applied to the device. Once set to the logical “1” state, the RSTE bit
will remain in that state until it is modified using the Write Status Register Byte 2 command or until the device has been
power cycled. The Reset command itself will not change the state of the RSTE bit.
11.1.7 SLE Bit
The SLE bit is used to enable and disable the Sector Lockdown and Freeze Sector Lockdown State commands. When the
SLE bit is in the logical “0” state (the default state after power-up), the Sector Lockdown and Freeze Sector Lockdown
commands are disabled. If the Sector Lockdown and Freeze Sector Lockdown commands are disabled, then any attempts
to issue the commands will be ignored. This provides a safeguard for these commands against accidental or erroneous
3687H–DFLASH–5/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com