Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AT25DF161
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AT25DF161_13 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
17
AT25DF161
Figure 8-7.
Program/Erase Suspend
8.6
Program/Erase Resume
The Program/Erase Resume command allows a suspended program or erase operation to be resumed and continue
programming a Flash page or erasing a Flash memory block where it left off. As with the Program/Erase Suspend
command, the Write Enable command does not need to be issued prior to the Program/Erase Resume command being
issued. Therefore, the Program/Erase Resume command operates independently of the state of the WEL bit in the Status
Register.
To perform a Program/Erase Resume, the CS pin must first be asserted and the opcode of D0h must be clocked into the
device. No address bytes need to be clocked into the device, and any data clocked in after the opcode will be ignored.
When the CS pin is deasserted, the program or erase operation currently suspended will be resumed within a time of tRES.
The PS bit or the ES bit in the Status Register will then be reset back to the logical “0” state to indicate that the program
or erase operation is no longer suspended. In addition, the RDY/BSY bit in the Status Register will indicate that the device
is busy performing a program or erase operation. The complete opcode must be clocked into the device before the CS pin
is deasserted, and the CS pin must be deasserted on an even byte boundary (multiples of eight bits); otherwise, no
resume operation will be performed.
During a simultaneous Erase Suspend/Program Suspend condition, issuing the Program/Erase Resume command will
result in the program operation resuming first. After the program operation has been completed, the Program/Erase
Resume command must be issued again in order for the erase operation to be resumed.
While the device is busy resuming a program or erase operation, any attempts at issuing the Program/Erase Suspend
command will be ignored. Therefore, if a resumed program or erase operation needs to be subsequently suspended again,
the system must either wait the entire tRES time before issuing the Program/Erase Suspend command, or it must check the
status of the RDY/BSY bit or the appropriate PS or ES bit in the Status Register to determine if the previously suspended
program or erase operation has resumed.
Miscellaneous Commands
Reset
Allowed
Allowed
Read Manufacturer and Device ID
Allowed
Allowed
Deep Power-Down
Not Allowed
Not Allowed
Resume from Deep Power-Down
Not Allowed
Not Allowed
Table 8-1.
Operations Allowed and Not Allowed During a Program or Erase Suspend (Continued)
Command
Operation During
Program Suspend
Operation During
Erase Suspend
SO
SI
SCK
CS
3687H–DFLASH–5/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com