Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AT25DF161
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AT25DF161_13 Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
12
AT25DF161
into the device followed by the three address bytes denoting the first byte location of the memory array to begin
programming at. After the address bytes have been clocked in, data can then be clocked into the device two bits at a time
on both the SOI and SI pins.
The data is always input with the MSB of a byte first, and the MSB is always input on the SOI pin. During the first clock
cycle, bit seven of the first data byte would be input on the SOI pin while bit 6 of the same data byte would be input on the
SI pin. During the next clock cycle, bits five and four of the first data byte would be input on the SOI and SI pins,
respectively. The sequence would continue with each byte of data being input after every four clock cycles. Like the
standard Byte/Page Program command, all data clocked into the device is stored in an internal buffer.
If the starting memory address denoted by A23-A0 does not fall on an even 256-byte page boundary (A7-A0 are not all
0), then special circumstances regarding which memory locations to be programmed will apply. In this situation, any data
that is sent to the device that goes beyond the end of the page will wrap around back to the beginning of the same page.
For example, if the starting address denoted by A23-A0 is 0000FEh, and three bytes of data are sent to the device, then
the first two bytes of data will be programmed at addresses 0000FEh and 0000FFh while the last byte of data will be
programmed at address 000000h. The remaining bytes in the page (addresses 000001h through 0000FDh) will not be
programmed and will remain in the erased state (FFh). In addition, if more than 256-bytes of data are sent to the device,
then only the last 256-bytes sent will be latched into the internal buffer.
When the CS pin is deasserted, the device will take the data stored in the internal buffer and program it into the
appropriate memory array locations based on the starting address specified by A23-A0 and the number of data bytes sent
to the device. If less than 256-bytes of data were sent to the device, then the remaining bytes within the page will not be
programmed and will remain in the erased state (FFh). The programming of the data bytes is internally self-timed and
should take place in a time of tPP or tBP if only programming a single byte.
The three address bytes and at least one complete byte of data must be clocked into the device before the CS pin is
deasserted, and the CS pin must be deasserted on even byte boundaries (multiples of eight bits); otherwise, the device
will abort the operation and no data will be programmed into the memory array. In addition, if the address specified by
A23-A0 points to a memory location within a sector that is in the protected state (see “Protect Sector” on page 19) or
locked down (see “Sector Lockdown” on page 25), then the Byte/Page Program command will not be executed, and
the device will return to the idle state once the CS pin has been deasserted. The WEL bit in the Status Register will be
reset back to the logical “0” state if the program cycle aborts due to an incomplete address being sent, an incomplete
byte of data being sent, the CS pin being deasserted on uneven byte boundaries, or because the memory location to be
programmed is protected or locked down.
While the device is programming, the Status Register can be read and will indicate that the device is busy. For faster
throughput, it is recommended that the Status Register be polled rather than waiting the tBP or tPP time to determine if the
data bytes have finished programming. At some point before the program cycle completes, the WEL bit in the Status
Register will be reset back to the logical “0” state.
The device also incorporates an intelligent programming algorithm that can detect when a byte location fails to program
properly. If a programming error arises, it will be indicated by the EPE bit in the Status Register.
3687H–DFLASH–5/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com