Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AT25DF161
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AT25DF161_13 Datasheet HTML 10Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 11Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 12Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 13Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 14Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
14
AT25DF161
If the address specified by A23-A0 points to a memory location within a sector that is in the protected or locked down
state, then the Block Erase command will not be executed, and the device will return to the idle state once the CS pin has
been deasserted.
The WEL bit in the Status Register will be reset back to the logical “0” state if the erase cycle aborts due to an incomplete
address being sent, the CS pin being deasserted on uneven byte boundaries, or because a memory location within the
region to be erased is protected or locked down.
While the device is executing a successful erase cycle, the Status Register can be read and will indicate that the device is
busy. For faster throughput, it is recommended that the Status Register be polled rather than waiting the tBLKE time to
determine if the device has finished erasing. At some point before the erase cycle completes, the WEL bit in the Status
Register will be reset back to the logical “0” state.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase properly. If an
erase error occurs, it will be indicated by the EPE bit in the Status Register.
Figure 8-5.
Block Erase
8.4
Chip Erase
The entire memory array can be erased in a single operation by using the Chip Erase command. Before a Chip Erase
command can be started, the Write Enable command must have been previously issued to the device to set the WEL bit
of the Status Register to a logical “1” state.
Two opcodes, 60h and C7h, can be used for the Chip Erase command. There is no difference in device functionality when
utilizing the two opcodes, so they can be used interchangeably. To perform a Chip Erase, one of the two opcodes (60h or
C7h) must be clocked into the device. Since the entire memory array is to be erased, no address bytes need to be
clocked into the device, and any data clocked in after the opcode will be ignored. When the CS pin is deasserted, the
device will erase the entire memory array. The erasing of the device is internally self-timed and should take place in a time
of tCHPE.
The complete opcode must be clocked into the device before the CS pin is deasserted, and the CS pin must be deasserted
on an even byte boundary (multiples of eight bits); otherwise, no erase will be performed. In addition, if any sector of the
memory array is in the protected or locked down state, then the Chip Erase command will not be executed, and the device
will return to the idle state once the CS pin has been deasserted. The WEL bit in the Status Register will be reset back to
the logical “0” state if the CS pin is deasserted on uneven byte boundaries or if a sector is in the protected or locked down
state.
While the device is executing a successful erase cycle, the Status Register can be read and will indicate that the device is
busy. For faster throughput, it is recommended that the Status Register be polled rather than waiting the tCHPE time to
SO
SI
SCK
CS
3687H–DFLASH–5/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com