Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # AT25DF161
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button AT25DF161_13 Datasheet HTML 37Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 38Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 39Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 40Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 41Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 42Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 43Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 44Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
41
AT25DF161
Figure 13-1. RapidS Operation
14.
System Considerations
In an effort to continue our goal of maintaining world-class quality leadership, Adesto has been performing extensive
testing on the AT25DF161 that would not normally be done with a Serial Flash device. The testing that has been
performed on the AT25DF161 involved extensive, non-stop reading of the memory array on pre-conditioned devices. The
pre-conditioning of the devices, which entailed erasing and programming the entire memory array 10,000 times, was
done to simulate a customer environment and to exercise the memory cells to a certain degree.
The non-stop reading of the devices was done in three levels of granularity, with the first level involving a continuous,
looped read of 256-bytes (a single page) of memory, the second level involving a continuous, looped-read of a 4-Kbyte
(16 pages) portion of memory, and the third level entailing non-stop reading of the entire memory array. Read operations
were performed at both +25°C and +125°C and with a supply voltage of 3.7V, which exceeds the specified datasheet
operating voltage range.
The results of all of the extensive tests indicate that the contents of a portion of memory being read continuously could be
altered after 800,000,000 read operations only if that portion of the memory was not erased or reprogrammed at all
during the 800,000,000 read operations. If that portion of memory was reprogrammed at some point, then it would take
another 800,000,000 read operations after reprogramming before the contents could potentially be altered. For example,
if the Serial Flash is being used for boot code storage, then it would take 800,000,000 boot operations before that boot
code may become altered, provided that the boot code was not updated or reprogrammed. If an application was to read
the entire memory array non-stop at a clock frequency of 10MHz, it would take over 5 years to reach 800,000,000 read
operations.
Adesto firmly believes that this extended testing result should not be a cause for concern. We also believe that most, if not
all, applications will never read the same portion of memory 800,000,000 times throughout the life of the application
without ever updating that portion of memory.
MOSI
MISO
SCK
Slave CS
tV
1
234567
81
234567
8
A
B
C
D
E
F
G
1
H
BYTE A
MSB
LSB
BYTE B
MSB
LSB
I
MOSI = Master Out, Slave In
MISO = Master In, Slave Out
The Master is the ASIC/MCU and the Slave is the memory device.
The Master always clocks data out on the rising edge of SCK and always clocks data in on the falling edge of SCK.
The Slave always clocks data out on the falling edge of SCK and always clocks data in on the rising edge of SCK.
A.
Master clocks out first bit of BYTE A on the rising edge of SCK
B.
Slave clocks in first bit of BYTE A on the next rising edge of SCK
C.
Master clocks out second bit of BYTE A on the same rising edge of SCK
D.
Last bit of BYTE A is clocked out from the Master
E.
Last bit of BYTE A is clocked into the slave
F.
Slave clocks out first bit of BYTE B
G.
Master clocks in first bit of BYTE B
H.
Slave clocks out second bit of BYTE B
I.
Master clocks in last bit of BYTE B
3687H–DFLASH–5/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com