Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # AT25DF161
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button AT25DF161_13 Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 35Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 36Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 37Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 38Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 39Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
36
AT25DF161
Figure 12-1. Reset
12.2
Read Manufacturer and Device ID
Identification information can be read from the device to enable systems to electronically query and identify the device
while it is in system. The identification method and the command opcode comply with the JEDEC standard for
“Manufacturer and Device ID Read Methodology for SPI Compatible Serial Interface Memory Devices”. The type of
information that can be read from the device includes the JEDEC defined Manufacturer ID, the vendor specific Device ID,
and the vendor specific Extended Device Information.
The Read Manufacturer and Device ID command is limited to a maximum clock frequency of fCLK. Since not all Flash devices
are capable of operating at very high clock frequencies, applications should be designed to read the identification
information from the devices at a reasonably low clock frequency to ensure that all devices to be used in the application
can be identified properly. Once the identification process is complete, the application can then increase the clock
frequency to accommodate specific Flash devices that are capable of operating at the higher clock frequencies.
To read the identification information, the CS pin must first be asserted and the opcode of 9Fh must be clocked into the
device. After the opcode has been clocked in, the device will begin outputting the identification data on the SO pin during
the subsequent clock cycles. The first byte that will be output will be the Manufacturer ID followed by two bytes of Device
ID information. The fourth byte output will be the Extended Device Information String Length, which will be 00h indicating
that no Extended Device Information follows. After the Extended Device Information String Length byte is output, the SO
pin will go into a high-impedance state; therefore, additional clock cycles will have no affect on the SO pin and no data will
be output. As indicated in the JEDEC standard, reading the Extended Device Information String Length and any
subsequent data is optional.
Deasserting the CS pin will terminate the Manufacturer and Device ID read operation and put the SO pin into a high-
impedance state. The CS pin can be deasserted at any time and does not require that a full byte of data be read.
SO
SI
SCK
CS
Table 12-1.
Manufacturer and Device ID Information
Byte No.
Data Type
Value
1
Manufacturer ID
1Fh
2
Device ID (Part 1)
46h
3
Device ID (Part 2)
02h
4
Extended Device Information String Length
00h
3687H–DFLASH–5/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com