Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # AT25DF161
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button AT25DF161_13 Datasheet HTML 31Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 35Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 36Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 37Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 38Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
35
AT25DF161
Figure 11-3. Write Status Register Byte 2
12.
Other Commands and Functions
12.1
Reset
In some applications, it may be necessary to prematurely terminate a program or erase cycle early rather than wait the
hundreds of microseconds or milliseconds necessary for the program or erase operation to complete normally. The Reset
command allows a program or erase operation in progress to be ended abruptly and returns the device to an idle state.
Since the need to reset the device is immediate, the Write Enable command does not need to be issued prior to the Reset
command being issued. Therefore, the Reset command operates independently of the state of the WEL bit in the Status
Register.
The Reset command can only be executed if the command has been enabled by setting the Reset Enabled (RSTE) bit in
the Status Register to a logical “1”. If the Reset command has not been enabled (the RSTE bit is in the logical “0” state),
then any attempts at executing the Reset command will be ignored.
To perform a Reset, the CS pin must first be asserted and the opcode of F0h must be clocked into the device. No address
bytes need to be clocked in, but a confirmation byte of D0h must be clocked into the device immediately after the opcode.
Any additional data clocked into the device after the confirmation byte will be ignored. When the CS pin is deasserted, the
program or erase operation currently in progress will be terminated within a time of tRST. Since the program or erase
operation may not complete before the device is reset, the contents of the page being programmed or the block being
erased cannot be guaranteed to be valid.
The Reset command has no effect on the states of the Sector Protection Registers, the Sector Lockdown Registers, or the
SPRL, RSTE, and SLE bits in the Status Register. The WEL, PS, and ES bits, however, will be reset back to their default
states. If a Reset operation is performed while a sector is erase suspended, the suspend operation will abort, and the
contents of the block being erased in the suspended sector will be left in an undefined state. If a Reset is performed while
a sector is program suspended, the suspend operation will abort, and the contents of the page that was being
programmed and subsequently suspended will be undefined. The remaining pages in the 64-Kbyte sector will retain their
previous contents.
The complete opcode and confirmation byte must be clocked into the device before the CS pin is deasserted, and the CS
pin must be deasserted on an even byte boundary (multiples of eight bits); otherwise, no Reset operation will be
performed.
SO
SI
SCK
CS
3687H–DFLASH–5/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com