Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # AT25DF161
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button AT25DF161_13 Datasheet HTML 15Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 16Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 17Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 18Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 19Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 20Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 21Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 22Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
19
AT25DF161
9.2
Write Disable
The Write Disable command is used to reset the Write Enable Latch (WEL) bit in the Status Register to the logical "0"
state. With the WEL bit reset, all Byte/Page Program, erase, Protect Sector, Unprotect Sector, Sector Lockdown, Freeze
Sector Lockdown State, Program OTP Security Register, and Write Status Register commands will not be executed. Other
conditions can also cause the WEL bit to be reset; for more details, refer to the WEL bit section of the Status Register
description.
To issue the Write Disable command, the CS pin must first be asserted and the opcode of 04h must be clocked into the
device. No address bytes need to be clocked into the device, and any data clocked in after the opcode will be ignored.
When the CS pin is deasserted, the WEL bit in the Status Register will be reset to a logical “0”. The complete opcode must
be clocked into the device before the CS pin is deasserted, and the CS pin must be deasserted on an even byte boundary
(multiples of eight bits); otherwise, the device will abort the operation and the state of the WEL bit will not change.
Figure 9-2.
Write Disable
9.3
Protect Sector
Every physical 64-Kbyte sector of the device has a corresponding single-bit Sector Protection Register that is used to
control the software protection of a sector. Upon device power-up, each Sector Protection Register will default to the
logical “1” state indicating that all sectors are protected and cannot be programmed or erased.
Issuing the Protect Sector command to a particular sector address will set the corresponding Sector Protection Register to
the logical “1” state. The following table outlines the two states of the Sector Protection Registers.
Before the Protect Sector command can be issued, the Write Enable command must have been previously issued to set
the WEL bit in the Status Register to a logical “1”. To issue the Protect Sector command, the CS pin must first be asserted
and the opcode of 36h must be clocked into the device followed by three address bytes designating any address within
the sector to be protected. Any additional data clocked into the device will be ignored. When the CS pin is deasserted, the
Sector Protection Register corresponding to the physical sector addressed by A23-A0 will be set to the logical “1” state,
and the sector itself will then be protected from program and erase operations. In addition, the WEL bit in the Status
Register will be reset back to the logical “0” state.
SO
SI
SCK
CS
Table 9-1.
Sector Protection Register Values
Value
Sector Protection Status
0
Sector is unprotected and can be programmed and erased.
1
Sector is protected and cannot be programmed or erased. This is the default state.
3687H–DFLASH–5/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com