Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # AT25DF161
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button AT25DF161_13 Datasheet HTML 39Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 40Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 41Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 42Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 43Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 44Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 45Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 46Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
43
AT25DF161
15.4
AC Characteristics – Maximum Clock Frequencies
15.5
AC Characteristics – All Other Parameters
Symbol
Parameter
AT25DF161
(2.3V Version)
AT25DF161
Units
Min
Max
Min
Max
RapidS and SPI Operation
fMAX
Maximum Clock Frequency for All Operations – RapidS Operation Only
(excluding 0Bh, 03h, 3Bh, and 9F opcodes)
100
100
MHz
fCLK
Maximum Clock Frequency for All Operations
(excluding 03h and 3Bh opcodes)
85
85
MHz
fRDLF
Maximum Clock Frequency for 03h Opcode (Read Array – Low Frequency)
50
50
MHz
fRDDO
Maximum Clock Frequency for 3Bh Opcode (Dual-Output Read)
85
85
MHz
Symbol
Parameter
AT25DF161
(2.3V Version)
AT25DF161
Units
Min
Max
Min
Max
tCLKH
Clock High Time
4.3
4.3
ns
tCLKL
Clock Low Time
4.3
4.3
ns
tCLKR
(1)
Clock Rise Time, Peak-to-Peak (Slew Rate)
0.1
0.1
V/ns
tCLKF
(1)
Clock Fall Time, Peak-to-Peak (Slew Rate)
0.1
0.1
V/ns
tCSH
Chip Select High Time
50
50
ns
tCSLS
Chip Select Low Setup Time (relative to Clock)
5
5
ns
tCSLH
Chip Select Low Hold Time (relative to Clock)
5
5
ns
tCSHS
Chip Select High Setup Time (relative to Clock)
5
5
ns
tCSHH
Chip Select High Hold Time (relative to Clock)
5
5
ns
tDS
Data In Setup Time
2
2
ns
tDH
Data In Hold Time
1
1
ns
tDIS
(1)
Output Disable Time
7
5
ns
tV
(2)
Output Valid Time
7
5
ns
tOH
Output Hold Time
2
2
ns
tHLS
HOLD Low Setup Time (relative to Clock)
5
5
ns
tHLH
HOLD Low Hold Time (relative to Clock)
5
5
ns
tHHS
HOLD High Setup Time (relative to Clock)
5
5
ns
tHHH
HOLD High Hold Time (relative to Clock)
5
5
ns
tHLQZ
(1)
HOLD Low to Output High-Z
5
5
ns
tHHQX
(1)
HOLD High to Output Low-Z
5
5
ns
tWPS
(1)(3)
Write Protect Setup Time
20
20
ns
tWPH
(1)(3)
Write Protect Hold Time
100
100
ns
tSECP
(1)
Sector Protect Time (from Chip Select High)
20
20
ns
3687H–DFLASH–5/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com