Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # AT25DF161
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button AT25DF161_13 Datasheet HTML 30Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 31Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 32Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 33Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 34Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 35Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 36Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 37Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
34
AT25DF161
the SPRL bit will not change, no potential Global Protect or Unprotect will be performed, and the WEL bit in the Status
Register will be reset back to the logical “0” state.
If the WP pin is asserted, then the SPRL bit can only be set to a logical “1”. If an attempt is made to reset the SPRL bit to
a logical “0” while the WP pin is asserted, then the Write Status Register Byte 1 command will be ignored, and the WEL
bit in the Status Register will be reset back to the logical “0” state. In order to reset the SPRL bit to a logical “0”, the WP
pin must be deasserted.
Figure 11-2. Write Status Register Byte 1
11.3
Write Status Register Byte 2
The Write Status Register Byte 2 command is used to modify the RSTE and SLE bits of the Status Register. Using the Write
Status Register Byte 2 command is the only way to modify the RSTE and SLE bits in the Status Register during normal
device operation, and the SLE bit can only be modified if the sector lockdown state has not been frozen. Before the Write
Status Register Byte 2 command can be issued, the Write Enable command must have been previously issued to set the
WEL bit in the Status Register to a logical “1”.
To issue the Write Status Register Byte 2 command, the CS pin must first be asserted and the opcode of 31h must be
clocked into the device followed by one byte of data. The one byte of data consists of three don’t care bits, the RSTE bit
value, the SLE bit value, and three additional don’t care bits (see Table 11-4). Any additional data bytes that are sent to
the device will be ignored. When the CS pin is deasserted, the RSTE and SLE bits in the Status Register will be modified,
and the WEL bit in the Status Register will be reset back to a logical “0”. The SLE bit will only be modified if the Freeze
Sector Lockdown State command has not been previously issued.
The complete one byte of data must be clocked into the device before the CS pin is deasserted, and the CS pin must be
deasserted on even byte boundaries (multiples of eight bits); otherwise, the device will abort the operation, the state of
the RSTE and SLE bits will not change, and the WEL bit in the Status Register will be reset back to the logical “0” state.
Table 11-3.
Write Status Register Byte 1 Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPRL
X
Global Protect/Unprotect
X
X
SO
SI
SCK
CS
Table 11-4.
Write Status Register Byte 2 Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
X
X
X
RSTE
SLE
X
X
X
3687H–DFLASH–5/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com