Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # AT25DF161
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button AT25DF161_13 Datasheet HTML 22Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 23Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 24Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 25Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 26Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 27Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 28Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 29Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
26
AT25DF161
Figure 10-1. Sector Lockdown
10.2
Freeze Sector Lockdown State
The current sector lockdown state can be permanently frozen so that no further modifications to the Sector Lockdown
Registers can be made; therefore, the Sector Lockdown command will be permanently disabled, and no additional sectors
can be locked down aside from those already locked down. Any attempts to issue the Sector Lockdown command after
the sector lockdown state has been frozen will be ignored.
Before the Freeze Sector Lockdown State command can be issued, the Write Enable command must have been
previously issued to set the WEL bit in the Status Register to a logical “1”. In addition, the Sector Lockdown Enabled
(SLE) bit in the Status Register must have also been previously set to the logical “1” state. To issue the Freeze Sector
Lockdown State command, the CS pin must first be asserted and the opcode of 34h must be clocked into the device
followed by three command specific address bytes of 55AA40h. After the three address bytes have been clocked in, a
confirmation byte of D0h must be clocked in immediately following the three address bytes. Any additional data clocked
into the device will be ignored. When the CS pin is deasserted, the current sector lockdown state will be permanently
frozen within a time of tLOCK. In addition, the WEL bit in the Status Register will be reset back to the logical “0” state, and
the SLE bit will be permanently reset to a logical “0” to indicate that the Sector Lockdown command is permanently
disabled.
The complete and correct three address bytes and the confirmation byte must be clocked into the device before the CS
pin is deasserted, and the CS pin must be deasserted on an even byte boundary (multiples of eight bits); otherwise, the
device will abort the operation. When the device aborts the Freeze Sector Lockdown State operation, the WEL bit in the
Status Register will be reset to a logical “0”; however, the state of the SLE bit will be unchanged.
Figure 10-2. Freeze Sector Lockdown State
SO
SI
SCK
CS
SO
SI
SCK
CS
3687H–DFLASH–5/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com