Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # AT25DF161
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button AT25DF161_13 Datasheet HTML 36Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 37Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 38Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 39Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 40Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 41Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 42Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 43Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
40
AT25DF161
Figure 12-5. Hold Mode
13.
RapidS Implementation
To implement RapidS and operate at clock frequencies higher than what can be achieved in a viable SPI implementation, a
full clock cycle can be used to transmit data back and forth across the serial bus. The AT25DF161 is designed to always
clock its data out on the falling edge of the SCK signal and clock data in on the rising edge of SCK.
For full clock cycle operation to be achieved, when the AT25DF161 is clocking data out on the falling edge of SCK, the host
controller should wait until the next falling edge of SCK to latch the data in. Similarly, the host controller should clock its data
out on the rising edge of SCK in order to give the AT25DF161 a full clock cycle to latch the incoming data in on the next
rising edge of SCK.
Implementing RapidS allows a system to run at higher clock frequencies since a full clock cycle is used to accommodate a
device’s clock-to-output time, input setup time, and associated rise/fall times. For example, if the system clock frequency is
100MHz (10ns cycle time) with a 50% duty cycle, and the host controller has an input setup time of 2ns, then a standard
SPI implementation would require that the slave device be capable of outputting its data in less than 3ns to meet the 2ns
host controller setup time [(10ns x 50%) – 2ns] not accounting for rise/fall times. In an SPI mode 0 or 3 implementation,
the SPI master is designed to clock in data on the next immediate rising edge of SCK after the SPI slave has clocked its data
out on the preceding falling edge. This essentially makes SPI a half-clock cycle protocol and requires extremely fast clock-
to-output times and input setup times in order to run at high clock frequencies. With a RapidS implementation of this
example, however, the full 10ns cycle time is available which gives the slave device up to 8ns, not accounting for rise/fall
times, to clock its data out. Likewise, with RapidS, the host controller has more time available to output its data to the slave
since the slave device would be clocking that data in a full clock cycle later.
HOLD
SCK
CS
3687H–DFLASH–5/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com