Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF161 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # AT25DF161
Description  Minimum SPI Serial Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF161 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button AT25DF161_13 Datasheet HTML 44Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 45Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 46Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 47Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 48Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 49Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 50Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 51Page - List of Unclassifed Manufacturers AT25DF161_13 Datasheet HTML 52Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 51 / 52 page
background image
AT25DF161
19.
Revision History
51
Doc. Rev.
Date
Comments
3687A
04/2008
Initial document release
3687B
11/2008
Changed Standby Current value
– Increased maximum value from 35μA to 50μA
Changed Deep Power-Down Current values
– Increased typical value from 1μA to 5μA
– Increased maximum value from 5μA to 10μA
Corrected clock frequency values in
Table 6-1
3687H–DFLASH–5/2013
3687C
07/2009
Added System Considerations section
3687D
04/2010
Remove Preliminary and update template
3687E
11/2010
Added 2.3V to 3.6V operating range
3687F
05/2012
Not Recommended for New Designs
3687G
11/2012
Update to Adesto.
3687H
5/2013
“Not Recommended for New Designs”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com