Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM260-RTR Datasheet(PDF) 14 Page - Silicon image

Part # EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Datasheet(HTML) 14 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 10Page - Silicon image EM260-RTR Datasheet HTML 11Page - Silicon image EM260-RTR Datasheet HTML 12Page - Silicon image EM260-RTR Datasheet HTML 13Page - Silicon image EM260-RTR Datasheet HTML 14Page - Silicon image EM260-RTR Datasheet HTML 15Page - Silicon image EM260-RTR Datasheet HTML 16Page - Silicon image EM260-RTR Datasheet HTML 17Page - Silicon image EM260-RTR Datasheet HTML 18Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
EM260
120-0260-000M Rev 1.1
Page 14
3.6.2
Transmit
Table 8 lists the key parameters of the integrated IEEE 802.15.4 transmitter on the EM260.
Note: Transmit Measurements were collected with the Silicon Labs EM260 Ceramic Balun Reference Design at
2440MHz and using the EmberZNet software stack Version 3.0.1. The Typical number indicates one standard
deviation below the mean, measured at room temperature (25C). The Min and Max numbers are measured
over process corners at room temperature (25C).
Table 8. Transmit Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Maximum output power (boost
mode)
At highest power setting
4.5
dBm
Maximum output power
At highest power setting
-
0.5
2.5
dBm
Minimum output power
At lowest power setting
- 32
dBm
Error vector magnitude
As defined by IEEE 802.15.4,
which sets a 35% maximum
15
25
%
Carrier frequency error
- 40
+ 40
ppm
Load impedance
200
Ω
PSD mask relative
3.5MHz away
- 20
dB
PSD mask absolute
3.5MHz away
- 30
dBm
3.6.3
Synthesizer
Table 9 lists the key parameters of the integrated synthesizer on the EM260.
Table 9. Synthesizer Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Frequency range
2400
2500
MHz
Frequency resolution
11.7
kHz
Lock time
From off, with correct VCO DAC setting
100
μs
Relock time
Channel change or RX/TX turnaround
(IEEE 802.15.4 defines 192μs
turnaround time)
100
μs
Phase noise at 100kHz
- 71
dBc/Hz
Phase noise at 1MHz
- 91
dBc/Hz
Phase noise at 4MHz
-
103
dBc/Hz
Phase noise at 10MHz
-
111
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com