Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM260-RTR Datasheet(PDF) 3 Page - Silicon image

Part # EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Datasheet(HTML) 3 Page - Silicon image

  EM260-RTR Datasheet HTML 1Page - Silicon image EM260-RTR Datasheet HTML 2Page - Silicon image EM260-RTR Datasheet HTML 3Page - Silicon image EM260-RTR Datasheet HTML 4Page - Silicon image EM260-RTR Datasheet HTML 5Page - Silicon image EM260-RTR Datasheet HTML 6Page - Silicon image EM260-RTR Datasheet HTML 7Page - Silicon image EM260-RTR Datasheet HTML 8Page - Silicon image EM260-RTR Datasheet HTML 9Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
EM260
Page 3
120-0260-000M Rev 1.1
Contents
1 
Pin Assignments
4 
2 
Top-Level Functional Description
7 
3 
Electrical Characteristics
9 
3.1 
Absolute Maximum Ratings
9 
3.2 
Recommended Operating Conditions
9 
3.3 
Environmental Characteristics
10 
3.4 
DC Electrical Characteristics
11 
3.5 
Digital I/O Specifications
12 
3.6 
RF Electrical Characteristics
13 
3.6.1  Receive
13 
3.6.2  Transmit
14 
3.6.3  Synthesizer
14 
4 
Functional Description
15 
4.1 
Receive (RX) Path
15 
4.1.1  RX Baseband
15 
4.1.2  RSSI and CCA
15 
4.2 
Transmit (TX) Path
16 
4.2.1  TX Baseband
16 
4.2.2  TX_ACTIVE Signal
16 
4.3 
Integrated MAC Module
16 
4.4 
Packet Trace Interface (PTI)
17 
4.5 
XAP2b Microprocessor
17 
4.6 
Embedded Memory
17 
4.6.1  Simulated EEPROM
17 
4.6.2  Flash Information Area (FIA)
18 
4.7 
Encryption Accelerator
18 
4.8 
nRESET Signal
18 
4.9 
Reset Detection
18 
4.10  Power-on-Reset (POR)
18 
4.11  Clock Sources
19 
4.11.1  High-Frequency Crystal Oscillator 19 
4.11.2  Internal RC Oscillator
20 
4.12  Random Number Generator
20 
4.13  Watchdog Timer
21 
4.14  Sleep Timer
21 
4.15  Power Management
21 
5 
SPI Protocol
22 
5.1 
Physical Interface Configuration
22 
5.2 
SPI Transaction
22 
5.2.1  Command Section
23 
5.2.2  Wait Section
23 
5.2.3  Response Section
23 
5.2.4  Asynchronous Signaling
23 
5.2.5  Spacing
24 
5.2.6  Waking the EM260 from Sleep
24 
5.2.7  Error Conditions
24 
5.3 
SPI Protocol Timing
25 
5.4 
Data Format
26 
5.5 
SPI Byte
27 
5.5.1  Primary SPI Bytes
27 
5.5.2  Special Response Bytes
28 
5.6 
Powering On, Power Cycling, and Rebooting28 
5.6.1  Bootloading the EM260
29 
5.6.2  Unexpected Resets
29 
5.7 
Transaction Examples
29 
5.7.1  SPI Protocol Version
30 
5.7.2  EmberZNet Serial Protocol Frame—
Version Command
31 
5.7.3  EM260 Reset
32 
5.7.4  Three-Part Transaction: Wake, Get
Version, Stack Status Callback
33 
6 
UART Gateway Protocol
35 
7 
SIF Module Programming and Debug
Interface
37 
8 
Typical Application
38 
9 
Mechanical Details
40 
10 
QFN40 Footprint
42 
11 
Part Marking
43 
12 
Ordering Information
44 
13 
Shipping Box Label
45 
14 
Abbreviations and Acronyms
46 
15 
References
48 
16 
Revision History
49 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com