Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM260-RTR Datasheet(PDF) 40 Page - Silicon image

Part # EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Datasheet(HTML) 40 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 36Page - Silicon image EM260-RTR Datasheet HTML 37Page - Silicon image EM260-RTR Datasheet HTML 38Page - Silicon image EM260-RTR Datasheet HTML 39Page - Silicon image EM260-RTR Datasheet HTML 40Page - Silicon image EM260-RTR Datasheet HTML 41Page - Silicon image EM260-RTR Datasheet HTML 42Page - Silicon image EM260-RTR Datasheet HTML 43Page - Silicon image EM260-RTR Datasheet HTML 44Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
EM260
120-0260-000M Rev 1.1
Page 40
9
Mechanical Details
The EM260 package is a plastic 40-pin QFN that is 6 mm x 6 mm x 0.9 mm. Figure 15 and Figure 16 illustrate
the Malaysia (SCM) and Taiwan (AESCL) package mechanical drawings, respectively.
Figure 15: EM260 Malaysia (SCM) Package Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com