Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM260-RTR Datasheet(PDF) 6 Page - Silicon image

Part # EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Datasheet(HTML) 6 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 2Page - Silicon image EM260-RTR Datasheet HTML 3Page - Silicon image EM260-RTR Datasheet HTML 4Page - Silicon image EM260-RTR Datasheet HTML 5Page - Silicon image EM260-RTR Datasheet HTML 6Page - Silicon image EM260-RTR Datasheet HTML 7Page - Silicon image EM260-RTR Datasheet HTML 8Page - Silicon image EM260-RTR Datasheet HTML 9Page - Silicon image EM260-RTR Datasheet HTML 10Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
EM260
120-0260-000M Rev 1.1
Page 6
Pin #
Signal
Directio
n
Description
24
VDD_PADS
Power
Pads supply (2.1 – 3.6V)
25
N.C.
I
When using the SPI interface, this signal is left not connected.
TXD
O
UART Transmitted Data (from EM260 to Host)
26
nHOST_INT
O
SPI Host Interrupt signal (from EM260 to Host)
RXD
I
UART Received Data (from Host to EM260)
27
SIF_CLK
I
Programming and Debug Interface, Clock (internal pull down)
28
SIF_MISO
O
Programming and Debug Interface, Master In / Slave Out
29
SIF_MOSI
I
Programming and Debug Interface, Master Out / Slave In (external pull-down
required to guarantee state in Deep Sleep Mode)
30
nSIF_LOAD
I/O
Programming and Debug Interface, load strobe (open collector with internal pull up)
31
GND
Power
Ground Supply
32
VDD_FLASH
Power
1.8V Flash memory supply; should be connected to VREG_OUT
33
SDBG
O
Spare Debug signal
34
LINK_ACTIVITY
O
Link and Activity signal
35
nWAKE
I
SPI Wake Interrupt signal (from Host to EM260)
N.C.
I
When using the UART interface, this signal is left not connected.
36
VDD_CORE
Power
1.8V digital core supply; should be connected to VREG_OUT
37
VDD_SYNTH_PRE
Power
1.8V synthesizer and prescalar supply; should be connected to VREG_OUT
38
OSCB
I/O
24MHz crystal oscillator or left open for when using an external clock input on OSCA
39
OSCA
I/O
24MHz crystal oscillator or external clock input
40
VDD_24MHZ
Power
1.8V high-frequency oscillator supply; should be connected to VREG_OUT
41
GND
Ground
Ground supply pad in the bottom center of the package forms Pin 41 (see the EM260
Reference Design for PCB considerations)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com