Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM260-RTR Datasheet(PDF) 28 Page - Silicon image

Part # EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Datasheet(HTML) 28 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 24Page - Silicon image EM260-RTR Datasheet HTML 25Page - Silicon image EM260-RTR Datasheet HTML 26Page - Silicon image EM260-RTR Datasheet HTML 27Page - Silicon image EM260-RTR Datasheet HTML 28Page - Silicon image EM260-RTR Datasheet HTML 29Page - Silicon image EM260-RTR Datasheet HTML 30Page - Silicon image EM260-RTR Datasheet HTML 31Page - Silicon image EM260-RTR Datasheet HTML 32Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
EM260
120-0260-000M Rev 1.1
Page 28
will be 0x82, since the version number corresponding to this set of Command-Response values is version
number 2. The version number can be a value from 1 to 63 (0x81–0xBF).
SPI Status [0x0B]: Sending this command asks for the EM260 status. The response status byte will always have
the upper 2 bits set. In this current version, the status byte only has one status bit [0], which is set if the
EM260 is alive and ready for commands.
Bootloader Frame [0xFD]: This byte indicates that the current transaction is a Bootloader transaction and
there is more data to follow. This SPI Byte will cause the transaction to look like the full data format
illustrated in Figure 8. The byte immediately after this SPI Byte will be a Length Byte, and it is used to
identify the length of the Bootloader Frame. Refer to document UG103.6, Ember Application Development
Fundamentals: Bootloading, for more information on the bootloader. If the SPI Byte is 0xFD, it means the
minimum transaction size is four bytes.
EZSP Frame [0xFE]: This byte indicates that the current transaction is an EZSP transaction and there is more
data to follow. This SPI Byte will cause the transaction to look like the full data format illustrated in Figure
8. The byte immediately after this SPI Byte will be a Length Byte, and it is used to identify the length of
the EZSP Frame. (The EZSP Frame is defined in document UG100, EZSP Reference Guide.) If the SPI Byte is
0xFE
, it means the minimum transaction size is five bytes.
5.5.2
Special Response Bytes
There are only five SPI Byte values, 0x00–0x04, ever used as error codes (see Table 16). When the error
condition occurs, any command sent to the EM260 will be ignored and responded to with one of these codes.
These special SPI Bytes must be trapped and dealt with. In addition, for each error condition the Error Byte
(instead of the Length Byte) is also sent with the SPI Byte.
Table 16. Byte Values Used as Error Codes
SPI Byte
Value
Error Message
Error Description
Error Byte Description
0x00
EM260 Reset
See section 5.6, Powering On, Power
Cycling, and Rebooting.
The reset type. Refer to API
documentation discussing
EmberResetType.
0x01
Oversized EZSP
Frame
The command contained an EZSP
frame with a Length Byte greater than
133. The EM260 was forced to drop the
entire command.
Reserved
0x02
Aborted
Transaction
The transaction was not completed
properly and the EM260 was forced to
abort the transaction.
Reserved
0x03
Missing Frame
Terminator
The command was missing the Frame
Terminator. The EM260 was forced to
drop the entire command.
Reserved
0x04
Unsupported SPI
Command
The command contained an
unsupported SPI Byte. The EM260 was
forced to drop the entire command.
Reserved
5.6
Powering On, Power Cycling, and Rebooting
When the Host powers on (or reboots), it cannot guarantee that the EM260 is awake and ready to receive
commands. Therefore, the Host should always perform the Wake EM260 handshake to guarantee that the
EM260 is awake. If the EM260 resets, it needs to inform the Host so that the Host can reconfigure the stack if
needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com