Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM260-RTR Datasheet(PDF) 18 Page - Silicon image

Part # EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Datasheet(HTML) 18 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 14Page - Silicon image EM260-RTR Datasheet HTML 15Page - Silicon image EM260-RTR Datasheet HTML 16Page - Silicon image EM260-RTR Datasheet HTML 17Page - Silicon image EM260-RTR Datasheet HTML 18Page - Silicon image EM260-RTR Datasheet HTML 19Page - Silicon image EM260-RTR Datasheet HTML 20Page - Silicon image EM260-RTR Datasheet HTML 21Page - Silicon image EM260-RTR Datasheet HTML 22Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
EM260
120-0260-000M Rev 1.1
Page 18
operations, consider an EM260 in a stable network (no joins or leaves) not sending any messages and the Host
is using only one of the 8-byte tokens available to it. Under this scenario, a very rough estimate results in
approximately 330,000 possible set-token operations. The number of possible set-token calls, though, depends
on which tokens are being set, so the ratios of set-token calls for each token play a large factor. A very rough
estimate for the total number of times an App token can bet set is approximately 320,000.
These estimates would typically increase if the EM260 is kept closer to room temperature, since the 1,000
guaranteed write cycles of the Flash is for across temperature.
4.6.2
Flash Information Area (FIA)
The EM260 also includes a separate 1024-byte FIA that can be used for storage of data during manufacturing,
including serial numbers and calibration values. Programming of this special Flash page can only be enabled
using the SIF interface to prevent accidental corruption or erasure. The EmberZNet PRO stack reserves a small
portion of this space for its own use and in addition makes eight manufacturing tokens available to the
application. See document UG100, EZSP Reference Guide, for more information.
4.7
Encryption Accelerator
The EM260 contains a hardware AES encryption engine that is attached to the CPU using a memory-mapped
interface. The CBC-MAC and CTR modes are implemented in hardware, and CCM* is implemented in software.
The first two modes are described in the IEEE 802.15.4-2003 specification. CCM* is described in the ZigBee
Specification (ZigBee document 053474). The EmberZNet PRO stack implements a security API for applications
that require security at the application level.
4.8
nRESET Signal
When the asynchronous external reset signal, nRESET (Pin 13), is driven low for a time greater than 200ns, the
EM260 resets to its default state. An integrated glitch filter prevents noise from causing an inadvertent reset
to occur. If the EM260 is to be placed in a noisy environment, an external LC Filter or supervisory reset circuit
is recommended to guarantee the integrity of the reset signal.
When nRESET asserts, all EM260 registers return to their reset state. In addition, the EM260 consumes 1.5mA
(typical) of current when held in RESET.
4.9
Reset Detection
The EM260 contains multiple reset sources. The reset event is logged into the reset source register, which lets
the CPU determine the cause of the last reset. The following reset causes are detected:
Power-on-Reset
Watchdog
PC rollover
Software reset
Core Power Dip
4.10 Power-on-Reset (POR)
Each voltage domain (1.8V Digital Core Supply VDD_CORE and Pads Supply VDD_PADS) has a power-on-reset
(POR) cell.
The VDD_PADS POR cell holds the always-powered high-voltage domain in reset until the following conditions
have been met:
The high-voltage Pads Supply VDD_PADS voltage rises above a threshold.
The internal RC clock starts and generates three clock pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com