Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM260-RTR Datasheet(PDF) 27 Page - Silicon image

Part # EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Datasheet(HTML) 27 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 23Page - Silicon image EM260-RTR Datasheet HTML 24Page - Silicon image EM260-RTR Datasheet HTML 25Page - Silicon image EM260-RTR Datasheet HTML 26Page - Silicon image EM260-RTR Datasheet HTML 27Page - Silicon image EM260-RTR Datasheet HTML 28Page - Silicon image EM260-RTR Datasheet HTML 29Page - Silicon image EM260-RTR Datasheet HTML 30Page - Silicon image EM260-RTR Datasheet HTML 31Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
EM260
Page 27
120-0260-000M Rev 1.1
corrupt command. For example, if the EM260 resets during the Response Section, the Host will still clock out
the correct number of bytes. But when the host attempts to verify the value 0xA7 at the end of the Response,
it will see either the value 0x00 or 0xFF and know that the EM260 just reset and the corrupt Response should
be discarded.
Note: The Length Byte only specifies the length of the Payload Frame. It does not include the Frame
Terminator.
5.5
SPI Byte
Table 15 lists the possible commands and their responses in the SPI Byte.
Table 15. SPI Commands & Reponses
Command
Value
Command
Response
Value
Response
Any
Any
0x00
EM260 reset occurred—This is never used in
another Response; it always indicates an EM260
Reset.
Any
Any
0x01
Oversized Payload Frame received—This is never
used in another Response; it always indicates an
overflow occurred.
Any
Any
0x02
Aborted Transaction occurred—This is never
used in another Response; it always indicates an
aborted transaction occurred.
Any
Any
0x03
Missing Frame Terminator—This is never used in
another Response; it always indicates a Missing
Frame Terminator in the Command.
Any
Any
0x04
Unsupported SPI Command—This is never used in
another Response; it always indicates an
unsupported SPI Byte in the Command.
0x00 – 0x09
Reserved
[none]
[none]
0x0A
SPI Protocol
Version
0x81 – 0xBF
bit[7] is always set. bit[6] is always cleared.
bit[5:0] is a number from 1–63.
0x0B
SPI Status
0xC0 – 0xC1
bit[7] is always set. bit[6] is always set. bit[0]—
Set if Alive.
0x0C – 0xFC
Reserved
[none]
[none]
0xFD
Bootloader
Frame
0xFD
Bootloader Frame
0xFE
EZSP Frame
0xFE
EZSP Frame
0xFF
Invalid
0xFF
Invalid
5.5.1
Primary SPI Bytes
There are four primary SPI Bytes: SPI Protocol Version, SPI Status, Bootloader Frame, and EZSP Frame.
SPI Protocol Version [0x0A]: Sending this command requests the SPI Protocol Version number from the SPI
Interface. The response will always have bit 7 set and bit 6 cleared. In this current version, the response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com