Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM260-RTR Datasheet(PDF) 19 Page - Silicon image

Part # EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Datasheet(HTML) 19 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 15Page - Silicon image EM260-RTR Datasheet HTML 16Page - Silicon image EM260-RTR Datasheet HTML 17Page - Silicon image EM260-RTR Datasheet HTML 18Page - Silicon image EM260-RTR Datasheet HTML 19Page - Silicon image EM260-RTR Datasheet HTML 20Page - Silicon image EM260-RTR Datasheet HTML 21Page - Silicon image EM260-RTR Datasheet HTML 22Page - Silicon image EM260-RTR Datasheet HTML 23Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
EM260
Page 19
120-0260-000M Rev 1.1
The 1.8V POR cell holds the main digital core in reset until the regulator output voltage rises above a
threshold.
Additionally, the digital domain counts 1,024 clock edges on the 24MHz crystal before releasing the reset to
the main digital core.
Table 11 lists the features of the EM260 POR circuitry.
Table 11. POR Specifications
Parameter
Min.
Typ.
Max.
Unit
VDD_PADS POR release
1.0
1.2
1.4
V
VDD_PADS POR assert
0.5
0.6
0.7
V
1.8V POR release
1.35
1.5
1.65
V
1.8V POR hysteresis
0.08
0.1
0.12
V
4.11 Clock Sources
The EM260 integrates two oscillators: a high-frequency 24MHz crystal oscillator and a low-frequency internal
10kHz RC oscillator.
4.11.1 High-Frequency Crystal Oscillator
The integrated high-frequency crystal oscillator requires an external 24MHz crystal with an accuracy of
±40ppm. Based upon the application Bill of Materials and current consumption requirements, the external
crystal can cover a range of ESR requirements. For a lower ESR, the cost of the crystal increases but the
overall current consumption decreases. Likewise, for higher ESR, the cost decreases but the current
consumption increases. Therefore, the designer can choose a crystal to fit the needs of the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com