Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM260-RTR Datasheet(PDF) 24 Page - Silicon image

Part # EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Datasheet(HTML) 24 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 20Page - Silicon image EM260-RTR Datasheet HTML 21Page - Silicon image EM260-RTR Datasheet HTML 22Page - Silicon image EM260-RTR Datasheet HTML 23Page - Silicon image EM260-RTR Datasheet HTML 24Page - Silicon image EM260-RTR Datasheet HTML 25Page - Silicon image EM260-RTR Datasheet HTML 26Page - Silicon image EM260-RTR Datasheet HTML 27Page - Silicon image EM260-RTR Datasheet HTML 28Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
EM260
120-0260-000M Rev 1.1
Page 24
5.2.5
Spacing
To ensure that the EM260 is always able to deal with incoming commands, a minimum inter-command spacing
is defined at 1ms. After every transaction, the Host must hold the Slave Select high for a minimum of 1ms.
The Host must respect the inter-command spacing requirement, or the EM260 will not have time to operate on
the command; additional commands could result in error conditions or undesired behavior. If the nHOST_INT
signal is not already asserted, the Host is allowed to use the Wake handshake instead of the inter-command
spacing to determine if the EM260 is ready to accept a command.
5.2.6
Waking the EM260 from Sleep
Waking up the EM260 involves a simple handshaking routine as illustrated in Figure 6. This handshaking insures
that the Host will wait until the EM260 is fully awake and ready to accept commands from the Host. If the
EM260 is already awake when the handshake is performed (such as when the Host resets and the EM260 is
already operating), the handshake will proceed as described below with no ill effects.
Note: A wake handshake cannot be performed if nHOST_INT is already asserted.
Note: nWAKE should not be asserted after the EM260 has been reset until the EM260 has fully booted, as
indicated by the EM260 asserting nHOST_INT. If nWAKE is asserted during this boot time, the EM260 may enter
bootloader mode. See section 5.6.1, Bootloading the EM260.
Figure 6. EM260 Wake Sequence
Waking the EM260 involves the following steps:
1. Host asserts nWAKE.
2. EM260 interrupts on nWAKE and exits sleep.
3. EM260 performs all operations it needs to and will not respond until it is ready to accept commands.
4. EM260 asserts nHOST_INT within 300ms of nWAKE asserting. If the EM260 does not assert nHOST_INT
within 300ms of nWAKE, it is valid for the Host to consider the EM260 unresponsive and to reset the
EM260.
5. Host detects nHOST_INT assertion. Since the assertion of nHOST_INT indicates the EM260 can accept SPI
transactions, the Host does not need to hold Slave Select high for the normally required minimum 1ms of
inter-command spacing.
6. Host deasserts nWAKE after detecting nHOST_INT assertion.
7. EM260 will deassert nHOST_INT within 25μs of nWAKE deasserting.
8. After 25μs, any change on nHOST_INT will be an indication of a normal asynchronous (callback) event.
5.2.7
Error Conditions
If two or more different error conditions occur back to back, only the first error condition will be reported to
the Host (if it is possible to report the error). The following are error conditions that might occur with the
EM260.
Unsupported SPI Command: If the SPI Byte of the command is unsupported, the EM260 will drop the incoming
command and respond with the Unsupported SPI Command Error Response. This error means the SPI Byte is
nHOST_INT
nWAKE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com