Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM260-RTR Datasheet(PDF) 9 Page - Silicon image

Part # EM260-RTR
Description  ZigBee/802.15.4 Network Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

EM260-RTR Datasheet(HTML) 9 Page - Silicon image

Back Button EM260-RTR Datasheet HTML 5Page - Silicon image EM260-RTR Datasheet HTML 6Page - Silicon image EM260-RTR Datasheet HTML 7Page - Silicon image EM260-RTR Datasheet HTML 8Page - Silicon image EM260-RTR Datasheet HTML 9Page - Silicon image EM260-RTR Datasheet HTML 10Page - Silicon image EM260-RTR Datasheet HTML 11Page - Silicon image EM260-RTR Datasheet HTML 12Page - Silicon image EM260-RTR Datasheet HTML 13Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
EM260
Page 9
120-0260-000M Rev 1.1
3
Electrical Characteristics
3.1
Absolute Maximum Ratings
Table 2 lists the absolute maximum ratings for the EM260.
Table 2. Absolute Maximum Ratings
Parameter
Test Conditions
Min.
Max.
Unit
Regulator voltage (VDD_PADS)
- 0.3
3.6
V
Core voltage (VDD_24MHZ, VDD_VCO,
VDD_RF, VDD_IF, VDD_PADSA, VDD_FLASH,
VDD_SYNTH_PRE, VDD_CORE)
- 0.3
2.0
V
Voltage on RF_P,N; RF_TX_ALT_P,N
- 0.3
3.6
V
RF input power
(for max level for correct packet reception,
see Table 7)
+15
dBm
Voltage on nSSEL_INT, MOSI, MISO, SCLK,
nSSEL, PTI_EN, PTI_DATA, nHOST_INT,
SIF_CLK, SIF_MISO, SIF_MOSI, nSIF_LOAD,
SDBG, LINK_ACTIVITY, nWAKE, nRESET,
VREG_OUT
- 0.3
VDD_PADS+0.3
V
Voltage on TX_ACTIVE, BIAS_R, OSCA, OSCB
- 0.3
VDD_CORE+0.3
V
Storage temperature
- 40
+ 140
°C
3.2
Recommended Operating Conditions
Table 3 lists the rated operating conditions of the EM260.
Table 3. Operating Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Regulator input voltage (VDD_PADS)
2.1
3.6
V
Core input voltage (VDD_24MHZ, VDD_VCO,
VDD_RF, VDD_IF, VDD_PADSA, VDD_FLASH,
VDD_SYNTH_PRE, VDD_CORE)
1.7
1.8
1.9
V
Temperature range
- 40
+ 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com